Electronic Components Datasheet Search
  English  ▼

X  

AD420 Datasheet(PDF) 11 Page - Analog Devices

Part # AD420
Description  Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD420 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD420 Datasheet HTML 7Page - Analog Devices AD420 Datasheet HTML 8Page - Analog Devices AD420 Datasheet HTML 9Page - Analog Devices AD420 Datasheet HTML 10Page - Analog Devices AD420 Datasheet HTML 11Page - Analog Devices AD420 Datasheet HTML 12Page - Analog Devices AD420 Datasheet HTML 13Page - Analog Devices AD420 Datasheet HTML 14Page - Analog Devices AD420 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD420
Rev. H | Page 11 of 16
THREE-WIRE INTERFACE
Figure 9 shows the AD420 connected in the 3-wire interface
mode. The AD420 data input block contains a serial input shift
register and a parallel latch. The contents of the shift register
are controlled by the DATA IN signal and the rising edges of the
CLOCK. Upon request of the LATCH pin the DAC and internal
latch are updated from the shift register parallel outputs. The
CLOCK should remain inactive while the DAC is updated.
Refer to the timing requirements for 3-wire interface.
FAULT
DETECT
FAULT DETECT
DATA
IN
CLOCK
GND
LATCH
DATA IN
CLOCK
LATCH
VCC
RLOAD
VCC
IOUT
DATA
OUT
AD420
DAC1
FAULT
DETECT
DATA
IN
CLOCK
GND
LATCH
VCC
VLL
RLOAD
VCC
IOUT
DATA
OUT
AD420
DAC2
10kΩ
Figure 9. Three-Wire Interface Using Multiple DACs with Joint Fault Detect
USING MULTIPLE DACS WITH FAULT DETECT
The 3-wire interface mode can utilize the serial DATA OUT for
easy interface to multiple DACs. To program the two AD420s in
Figure 9, 32 data bits are required. The first 16 bits are clocked
into the input shift register of DAC1. The next 16 bits
transmitted pass the first 16 bits from the DATA OUT pin of
DAC1 to the input register of DAC2. The input shift registers of
the two DACs operate as a single 32-bit shift register, with the
leading 16 bits representing information for DAC2 and the
trailing 16 bits serving for DAC1. Each DAC is then updated
upon request of the LATCH pin. The daisy-chain can be
extended to as many DACs as required.
ASYNCHRONOUS INTERFACE USING
OPTOCOUPLERS
The AD420 connected in asynchronous interface mode with
optocouplers is shown in Figure 10. Asynchronous operation
minimizes the number of control signals required for isolation
of the digital system from the control loop. The resistor connected
between the LATCH pin and VCC is required to activate this
mode. For operation with VCC below 18 V use a 50 kΩ pull-up
resistor; from 18 V to 32 V, use 100 kΩ.
Asynchronous mode requires that the clock run at 16 times the
data bit rate, therefore, to operate at the maximum input data rate
of 150 kBPS, an input clock of 2.4 MHz is required. The actual
data rate achieved may be limited by the type of optocouplers
chosen. The number of control signals can be further reduced
by creating the appropriate clock signal on the current loop
side of the isolation barrier. If optocouplers with relatively slow
rise and fall times are used, Schmitt triggers may be required on
the digital inputs to prevent erroneous data being presented to
the DAC.
8
2
7
23
9
11
VCC
+24V
+5V
VLL
LATCH
100kΩ
AD420
CLOCK
DATA IN
ISOLATION
GALVANIC
BARRIER
CLOCK
DATA
GND
Figure 10. Asynchronous Interface Using Optocouplers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com