Electronic Components Datasheet Search
  English  ▼

X  

OPA832 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA832
Description  Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA832 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  OPA832 Datasheet HTML 1Page - National Semiconductor (TI) OPA832 Datasheet HTML 2Page - National Semiconductor (TI) OPA832 Datasheet HTML 3Page - National Semiconductor (TI) OPA832 Datasheet HTML 4Page - National Semiconductor (TI) OPA832 Datasheet HTML 5Page - National Semiconductor (TI) OPA832 Datasheet HTML 6Page - National Semiconductor (TI) OPA832 Datasheet HTML 7Page - National Semiconductor (TI) OPA832 Datasheet HTML 8Page - National Semiconductor (TI) OPA832 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
OPA832
SBOS266E − JUNE 2003 − REVISED AUGUST 2008
www.ti.com
5
ELECTRICAL CHARACTERISTICS: VS = +3.3V
Boldface limits are tested at +25
°C.
At TA = 25°C, G = +2, and RL = 150Ω to VCM = 0.75V, unless otherwise noted (see Figure 2).
OPA832ID, IDBV
TYP
MIN/MAX OVER
TEMPERATURE
PARAMETER
CONDITIONS
+25
°C
+25
°C(1)
0
°C to
70
°C(2)
UNITS
MIN/
MAX
TEST
LEVEL(3)
AC PERFORMANCE (see Figure 2)
Small-Signal Bandwidth
G = +2, VO ≤ 0.5VPP
95
59
57
MHz
min
B
G = −1, VO ≤ 0.5VPP
103
63
61
MHz
min
B
Peaking at a Gain of +1
VO ≤ 0.5VPP
4.2
dB
typ
C
Slew Rate
1V Step
170
115
115
V/
µs
min
B
Rise Time
0.5V Step
4
ns
max
B
Fall Time
0.5V Step
4.2
ns
max
B
Settling Time to 0.1%
1V Step
48
ns
max
B
Harmonic Distortion
5MHz
2nd-Harmonic
RL = 150Ω
−71
−64
−62
dBc
max
B
RL = 500Ω
−74
−70
−66
dBc
max
B
3rd-Harmonic
RL = 150Ω
−66
−60
−55
dBc
max
B
RL = 500Ω
−69
−66
−62
dBc
max
B
Input Voltage Noise
f > 1MHz
9.4
nV/
√Hz
max
B
Input Current Noise
f > 1MHz
2.4
pA/
√Hz
max
B
DC PERFORMANCE(4)
Gain Error
G = +2
±0.3
±1.5
±1.6
%
min
A
G = −1
±0.2
±1.5
±1.6
%
max
B
Internal RF and RG
Maximum
400
455
460
Ω
max
A
Minimum
400
345
340
Ω
max
A
Average Drift
0.1
%/
°C
max
B
Input Offset Voltage
±1
±7
±8
mV
max
A
Average Offset Voltage Drift
—
±20
µV/°C
max
B
Input Bias Current
VCM = 0.75V
5.5
+10
+12
µA
max
A
Input Bias Current Drift
±12
nA/
°C
max
B
Input Offset Current
VCM = 0.75V
±0.1
±1.5
±2
µA
max
A
Input Offset Current Drift
—
±10
nA/
°C
max
B
INPUT
Least Positive Input Voltage
−0.5
−0.3
−0.2
V
max
B
Most Positive Input Voltage
1.5
1.4
1.3
V
min
B
Input Impedance, Differential-Mode
10
 2.1
k
Ω pF
typ
C
Common-Mode
400
 1.2
k
Ω pF
typ
C
OUTPUT
Least Positive Output Voltage
RL = 1kΩ to 0.75V
0.03
0.16
0.18
V
max
B
RL = 150Ω to 0.75V
0.1
0.3
0.35
V
max
B
Most Positive Output Voltage
RL = 1kΩ to 0.75V
3
2.8
2.6
V
min
B
RL = 150Ω to 0.75V
3
2.8
2.6
V
min
B
Current Output, Sourcing
35
25
20
mA
min
A
Current Output, Sinking
35
25
20
mA
min
A
Short-Circuit Output Current
Output Shorted to Either Supply
80
mA
typ
C
Closed-Loop Output Impedance
See Figure 2, f < 100kHz
0.2
Ω
typ
C
POWER SUPPLY
Minimum Operating Voltage
+2.8
V
typ
C
Maximum Operating Voltage
—
+11
+11
V
max
A
Maximum Quiescent Current
VS = +3.3V
3.8
4.0
4.7
mA
max
A
Minimum Quiescent Current
VS = +3.3V
3.8
3.4
3.2
mA
min
A
Power-Supply Rejection Ratio (PSRR)
Input-Referred
60
dB
typ
C
THERMAL CHARACTERISTICS
Specification: ID, IDBV
−40 to +85
°C
typ
C
Thermal Resistance
D
SO-8
125
°C/W
typ
C
DBV SOT23-5
150
°C/W
typ
C
(1) Junction temperature = ambient for +25°C specifications.
(2) Junction temperature = ambient at low temperature limits; junction temperature = ambient +5°C at high temperature limit for over temperature.
(3) Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation. (C) Typical value only
for information.
(4) Current is considered positive out of node.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com