Electronic Components Datasheet Search
  English  ▼

X  

OPA832 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA832
Description  Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA832 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button OPA832 Datasheet HTML 12Page - National Semiconductor (TI) OPA832 Datasheet HTML 13Page - National Semiconductor (TI) OPA832 Datasheet HTML 14Page - National Semiconductor (TI) OPA832 Datasheet HTML 15Page - National Semiconductor (TI) OPA832 Datasheet HTML 16Page - National Semiconductor (TI) OPA832 Datasheet HTML 17Page - National Semiconductor (TI) OPA832 Datasheet HTML 18Page - National Semiconductor (TI) OPA832 Datasheet HTML 19Page - National Semiconductor (TI) OPA832 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
OPA832
SBOS266E − JUNE 2003 − REVISED AUGUST 2008
www.ti.com
16
SINGLE-SUPPLY ADC INTERFACE
The circuit shown in Figure 6 uses the OPA832 as a dif-
ferential driver followed by an RC filter. In this circuit, the
single-ended to differential conversion is realized by a
1:1 transformer driving the noninverting inputs of the
two OPA832s. The common-mode level (CML) of the
ADS5203 is reduced to the appropriate input level of
0.885V by the network divider composed of R1 and the
CML output impedance, and connected to the trans-
former center tap, biasing the OPA832s. This input bias
voltage is then amplified to provide the correct com-
mon-mode voltage to the input of the ADC. Using only
25.1mW power (3.8mA
× 2 amplifiers × 3.3V), this con-
figuration (amplifier + ADC) provides greater than 59dB
SNR and 70dB SFDR to 2MHz, with all the components
running on a low +3.3V supply.
R
F
400
Ω
R
G
400
Ω
C
15pF
C
1
0.1
µF
IN
IN
CML
1/2
ADS5203
10−Bit
40MSPS
OPA832
OPA832
+3.3V
+3.3V
+3.3V
R
F
400
Ω
R
G
400
Ω
R
I
1.91k
Ω
R
S
50
Ω
R
S
50
Ω
R
T
20
Ω
R
T
20
Ω
R
M
50
Ω
1:1
2.3k
Ω
Output
Impedance
V
IN
50
Ω
Source
V
CM =0.885V
Figure 6. Low-Power, Single-Supply ADC Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com