Electronic Components Datasheet Search
  English  ▼

X  

OPA832 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA832
Description  Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA832 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  OPA832 Datasheet HTML 1Page - National Semiconductor (TI) OPA832 Datasheet HTML 2Page - National Semiconductor (TI) OPA832 Datasheet HTML 3Page - National Semiconductor (TI) OPA832 Datasheet HTML 4Page - National Semiconductor (TI) OPA832 Datasheet HTML 5Page - National Semiconductor (TI) OPA832 Datasheet HTML 6Page - National Semiconductor (TI) OPA832 Datasheet HTML 7Page - National Semiconductor (TI) OPA832 Datasheet HTML 8Page - National Semiconductor (TI) OPA832 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
FEATURES
D HIGH BANDWIDTH: 80MHz (G = +2)
D LOW SUPPLY CURRENT: 3.9mA
D FLEXIBLE SUPPLY RANGE:
+2.8V to +11V Single Supply
±1.4V to ±5.5V Dual Supply
D INPUT RANGE INCLUDES GROUND ON
SINGLE SUPPLY
D 4.9VPP OUTPUT SWING ON +5V SUPPLY
D HIGH SLEW RATE: 350V/µsec
D LOW INPUT VOLTAGE NOISE: 9.3nV/√Hz
D Pb-FREE SOT23 PACKAGE
APPLICATIONS
D SINGLE-SUPPLY VIDEO LINE DRIVERS
D CCD IMAGING CHANNELS
D LOW-POWER ULTRASOUND
D PORTABLE CONSUMER ELECTRONICS
DESCRIPTION
The OPA832 is a low-power, high-speed, fixed-gain
amplifier designed to operate on a single +3.3V or +5V
supply. Operation on
±5V or +10V supplies is also sup-
ported. The input range extends below ground and to
within 1V of the positive supply. Using complementary
common-emitter outputs provides an output swing to
within 30mV of ground and 130mV of the positive sup-
ply. The high output drive current and low differential
gain and phase errors also make it ideal for single-sup-
ply consumer video products.
Low distortion operation is ensured by the high gain
bandwidth product (200MHz) and slew rate (850V/
µs),
making the OPA832 an ideal input buffer stage to 3V
and 5V CMOS converters. Unlike other low-power,
single-supply amplifiers, distortion performance im-
proves as the signal swing is decreased. A low 9.3nV/
√
Hz input voltage noise supports wide dynamic range op-
eration.
The OPA832 is available in an industry-standard SO-8
package. The OPA832 is also available in an ultra-small
SOT23-5 package. For gains other than +1, −1, or +2,
consider using the OPA830.
RELATED PRODUCTS
DESCRIPTION
SINGLES
DUALS
TRIPLES
QUADS
Medium Speed
OPA830
OPA2830
—
OPA4830
Medium Speed,
Fixed Gain
—
OPA2832
OPA3832
—
OPA832
+3.3V
80.6
Ω
75
Ω
400
Ω
400
Ω
V
O
75
ΩLoad
V
I
V
O
=1V/V
976
Ω
Video DAC
V
I
Single-Supply, Low-Cost Video Line Driver
0
−3
−6
−9
Frequency (MHz)
110
100
LARGE−SIGNAL BANDWIDTH
(1V
PP AT MATCHED LOAD)
OPA832
SBOS266E − JUNE 2003 − REVISED AUGUST 2008
Low-Power, Single-Supply, Fixed-Gain
Video Buffer Amplifier
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2003−2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - OPA832

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA832 BURR-BROWN-OPA832 Datasheet
471Kb / 26P
Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
OPA832 BURR-BROWN-OPA832 Datasheet
460Kb / 31P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA832 BURR-BROWN-OPA832 Datasheet
609Kb / 32P
Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA832 TI-OPA832 Datasheet
1Mb / 45P
Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
OPA832 TI1-OPA832 Datasheet
753Kb / 30P
Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
More results

Similar Description - OPA832

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
OPA832 BURR-BROWN-OPA832 Datasheet
471Kb / 26P
Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA832 TI1-OPA832 Datasheet
753Kb / 30P
Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA832 TI1-OPA832_15 Datasheet
755Kb / 30P
Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com