Electronic Components Datasheet Search
  English  ▼

X  

OPA832 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA832
Description  Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA832 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button OPA832 Datasheet HTML 11Page - National Semiconductor (TI) OPA832 Datasheet HTML 12Page - National Semiconductor (TI) OPA832 Datasheet HTML 13Page - National Semiconductor (TI) OPA832 Datasheet HTML 14Page - National Semiconductor (TI) OPA832 Datasheet HTML 15Page - National Semiconductor (TI) OPA832 Datasheet HTML 16Page - National Semiconductor (TI) OPA832 Datasheet HTML 17Page - National Semiconductor (TI) OPA832 Datasheet HTML 18Page - National Semiconductor (TI) OPA832 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
OPA832
SBOS266E − JUNE 2003 − REVISED AUGUST 2008
www.ti.com
15
OPA832
+5V
−5V
V
OUT
50
Ω
V
IN
R
F
400
Ω
175
Ω
50
ΩSource
150
Ω
R
G
400
Ω
6.8
µF
+
6.8
µF
+
0.1
µF
0.1
µF
0.01
µF
Figure 3. DC-Coupled, G = +2, Bipolar Supply
Specification and Test Circuit
DESIGN-IN TOOLS
DEMONSTRATION FIXTURES
Two printed circuit boards (PCBs) are available to assist
in the initial evaluation of circuit performance using the
OPA832 in its two package options. Both of these are
offered free of charge as unpopulated PCBs, delivered
with a user’s guide. The summary information for these
fixtures is shown in Table 1.
Table 1. Demonstration Fixtures by Package
ORDERING
LITERATURE
PRODUCT
PACKAGE
ORDERING
NUMBER
LITERATURE
NUMBER
OPA832ID
SO-8
DEM
-OPA-SO-1A
SBOU009
OPA832IDBV
SOT23-5
DEM
-OPA-SOT-1A
SBOU010
The demonstration fixtures can be requested at the
Texas Instruments web site (www.ti.com) through the
OPA832 product folder.
MACROMODEL AND APPLICATIONS
SUPPORT
Computer simulation of circuit performance using
SPICE is often a quick way to analyze the performance
of the OPA832 and its circuit designs. This is particularly
true for video and RF amplifier circuits where parasitic
capacitance and inductance can play a major role on
circuit performance. A SPICE model for the OPA832 is
available through the TI web page (www.ti.com). The
applications group is also available for design assis-
tance. These models predict typical small signal AC,
transient steps, DC performance, and noise under a
wide variety of operating conditions. The models in-
clude the noise terms found in the electrical specifica-
tions of the data sheet. These models do not attempt to
distinguish between the package types in their small-
signal AC performance.
GAIN OF +2V/V VIDEO LINE DRIVER
One of the most suitable applications for the OPA832
is a simple gain of +2 video line driver. Figure 4 shows
how simple this circuit is to implement, shown as a
±5V
implementation. Single +5V operation is similar with
blocking caps and DC common-mode biasing provided.
OPA832
Video
In
Video
Loads
+5V
−5V
Optional 1.3k
Ω
Pull−Down
Figure 4. Gain of +2V/V Video Line Driver
One optional element is shown in Figure 4. A 1.3k
Ω
pull-down to the negative supply will improve the differ-
ential phase significantly and the differential gain slight-
ly. Figure 5 shows measured dG/dP with and without
that pull-down resistor from 1 to 4 video loads.
1.2
1.0
0.8
0.6
0.4
0.2
0
Number of 150
ΩLoads
1
234
dG
dP
dG
dP
No Pull−Down
With 1.3k
ΩPull−Down
OPA832
Video
In
Vide o
Loads
+5V
−5V
O ptio nal 1.3k
Ω
Pull−Down
Figure 5. dG/dP vs Video Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com