Electronic Components Datasheet Search
  English  ▼

X  

OPA830IDBVT Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA830IDBVT
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA830IDBVT Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button OPA830IDBVT Datasheet HTML 17Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 18Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 19Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 20Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 21Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 22Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 23Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 24Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
OPA830
SBOS263F − AUGUST 2004 − REVISED AUGUST 2008
www.ti.com
21
OPA830
325
Ω
528
Ω
78.7
Ω
650
Ω
+5V
845
Ω
1.87k
Ω
V
O
22
µF
47
µF
75
Ω
Video DAC
75
Ω Load
Figure 5. Video Line Driver with SAG Correction
The input is shifted slightly positive in Figure 5 using the
voltage divider from the positive supply. This gives about
a 200mV input DC offset that will show up at the output pin
as a 400mV DC offset when the DAC output is at zero
current during the sync tip portion of the video signal. This
acts to hold the output in its linear operating region. This
will pass on any power-supply noise to the output with a
gain of approximately −20dB, so good supply decoupling
is recommended on the power-supply pin. Figure 6 shows
the frequency response for the circuit of Figure 5. This plot
shows the 8Hz low-frequency high-pass pole and a
high-end cutoff at approximately 100MHz.
3
0
−3
−6
−9
−12
−15
−18
−21
Frequency (Hz)
110
102
103
104
105
106
107
108
109
Figure 6. Video Line Driver Response to Matched
Load
NONINVERTING AMPLIFIER WITH REDUCED
PEAKING
Figure 7 shows a noninverting amplifier that reduces
peaking at low gains. The resistor RC compensates the
OPA830 to have higher Noise Gain (NG), which reduces
the AC response peaking (typically 5dB at G = +1 without
RC) without changing the DC gain. VIN needs to be a low
impedance source, such as an op amp. The resistor
values are low to reduce noise. Using both RT and RF
helps minimize the impact of parasitic impedances.
OPA830
V
OUT
+5V
V
IN
R
G
R
T
R
F
R
C
Figure 7. Compensated Noninverting Amplifier
The Noise Gain can be calculated as follows:
G
1
+ 1 )
R
F
R
G
G
2
+ 1 )
R
T
)
R
F
G
1
R
C
NG
+ G
1
G
2
A unity-gain buffer can be designed by selecting
RT =RF = 20.0Ω and RC = 40.2Ω (do not use RG). This
gives a noise gain of 2, so the response will be similar to
the Characteristics Plots with G = +2. Decreasing RC to
20.0
Ω will increase the noise gain to 3, which typically
gives a flat frequency response, but with less bandwidth.
The circuit in Figure 1 can be redesigned to have less
peaking by increasing the noise gain to 3. This is
accomplished by adding RC = 2.55kΩ across the op amp
inputs.
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com