Electronic Components Datasheet Search
  English  ▼

X  

OPA830IDBVT Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA830IDBVT
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA830IDBVT Datasheet(HTML) 3 Page - National Semiconductor (TI)

  OPA830IDBVT Datasheet HTML 1Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 2Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 3Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 4Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 5Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 6Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 7Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 8Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
OPA830
SBOS263F − AUGUST 2004 − REVISED AUGUST 2008
www.ti.com
3
ELECTRICAL CHARACTERISTICS: VS = ±5V
Boldface limits are tested at +25
°C.
At TA = 25°C, G = +2, RF = 750Ω, and RL = 150Ω to GND, unless otherwise noted (see Figure 3).
OPA830ID, IDBV
TYP
MIN/MAX OVER TEMPERATURE
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(1)
0
°C to
70
°C(2)
−40
°C to
+85
°C(2)
UNITS
MIN/
MAX
TEST
LEVEL
(3)
AC PERFORMANCE (see Figure 3)
Small-Signal Bandwidth
G = +1, VO ≤ 0.2VPP
310
MHz
typ
C
G = +2, VO ≤ 0.2VPP
120
70
68
65
MHz
min
B
G = +5, VO ≤ 0.2VPP
25
18
16
15
MHz
min
B
G = +10, VO ≤ 0.2VPP
11
8
7
6
MHz
min
B
Gain-Bandwidth Product
G
≥ +10
110
85
82
80
MHz
min
B
Peaking at a Gain of +1
VO ≤ 0.2VPP
6
dB
typ
C
Slew Rate
G = +2, 2V Step
600
280
270
260
V/
µs
min
B
Rise Time
0.5V Step
3.3
5.8
5.85
5.9
ns
max
B
Fall Time
0.5V Step
3.5
5.9
5.95
6.0
ns
max
B
Settling Time to 0.1%
G = +2, 1V Step
42
63
65
66
ns
max
B
Harmonic Distortion
VO = 2VPP, f = 5MHz
2nd-Harmonic
RL = 150Ω
−67
−59
−57
−56
dBc
max
B
RL ≥ 500Ω
−71
−62
−61
−60
dBc
max
B
3rd-Harmonic
RL = 150Ω
−60
−50
−49
−48
dBc
max
B
RL ≥ 500Ω
−77
−65
−62
−59
dBc
max
B
Input Voltage Noise
f > 1MHz
9.5
10.5
11.0
11.5
nV/
√Hz
max
B
Input Current Noise
f > 1MHz
3.7
4.7
5.2
5.7
pA/
√Hz
max
B
NTSC Differential Gain
0.07
%
typ
C
NTSC Differential Phase
0.17
°
typ
C
DC PERFORMANCE(4)
RL = 150Ω
Open-Loop Voltage Gain
74
66
65
64
dB
min
A
Input Offset Voltage
±1.5
±7
±8.1
±8.6
mV
max
A
Average Offset Voltage Drift
—
±25
±25
µV/°C
max
B
Input Bias Current
VCM = 0V
+5
+10
+12
+13
µA
max
A
Input Bias Current Drift
±12
±12
nA/
°C
max
B
Input Offset Current
VCM = 0V
±0.1
±1
±1.2
±1.4
µA
max
A
Input Offset Current Drift
—
±5
±5
nA/
°C
max
B
INPUT
Negative Input Voltage(5)
−5.5
−5.4
−5.3
−5.2
V
max
A
Positive Input Voltage(5)
3.2
3.1
3.0
2.9
V
min
A
Common-Mode Rejection Ratio (CMRR)
Input-Referred
80
76
74
72
dB
min
A
Input Impedance
Differential Mode
10
 2.1
k
Ω pF
typ
C
Common-Mode
400
 1.2
k
Ω pF
typ
C
OUTPUT
Output Voltage Swing
G = +2, RL = 1kΩ to GND
±4.88
±4.86
±4.85
±4.84
V
min
A
G = +2, RL = 150Ω to GND
±4.64
±4.60
±4.58
±4.56
V
min
A
Current Output, Sinking and Sourcing
±85
±65
±60
±55
mA
min
A
Short-Circuit Current
Output Shorted to Ground
150
mA
typ
C
Closed-Loop Output Impedance
G = +2, f
≤ 100kHz
0.06
Ω
typ
C
POWER SUPPLY
Minimum Operating Voltage
±1.4
V
typ
C
Maximum Operating Voltage
±5.5
±5.5
±5.5
V
max
A
Maximum Quiescent Current
VS = ±5V
4.25
4.7
5.3
5.9
mA
max
A
Minimum Quiescent Current
VS = ±5V
4.25
4.0
3.6
3.3
mA
min
A
Power-Supply Rejection Ratio (+PSRR)
Input-Referred
66
61
60
59
dB
min
A
THERMAL CHARACTERISTICS
Specification: ID, IDBV
−40 to +85
°C
typ
C
Thermal Resistance,
qJA
D
SO-8
125
°C/W
typ
C
DBV
SOT23-5
150
°C/W
typ
C
(1) Junction temperature = ambient for +25°C specifications.
(2) Junction temperature = ambient at low temperature limits; junction temperature = ambient +5°C at high temperature limit for over temperature specifications.
(3) Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation. (C) Typical
value only for information.
(4) Current is considered positive out of pin.
(5) Tested < 3dB below minimum specified CMRR at ± CMIR limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com