Electronic Components Datasheet Search
  English  ▼

X  

OPA830IDBVT Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA830IDBVT
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA830IDBVT Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button OPA830IDBVT Datasheet HTML 23Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 24Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 25Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 26Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 27Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 28Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 29Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 30Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
OPA830
SBOS263F − AUGUST 2004 − REVISED AUGUST 2008
www.ti.com
27
significant time constants that can degrade performance.
Good axial metal film or surface-mount resistors have
approximately 0.2pF in shunt with the resistor. For resistor
values > 1.5k
Ω, this parasitic capacitance can add a pole
and/or zero below 500MHz that can effect circuit
operation. Keep resistor values as low as possible
consistent with load driving considerations. The 750
Ω
feedback used in the Typical Characteristics is a good
starting point for design.
d) Connections to other wideband devices on the board
may be made with short direct traces or through onboard
transmission lines. For short connections, consider the
trace and the input to the next device as a lumped
capacitive load. Relatively wide traces (50mils to 100mils)
should be used, preferably with ground and power planes
opened up around them. Estimate the total capacitive load
and set RS from the typical characteristic curve
Recommended RS vs Capacitive Load. Low parasitic
capacitive loads (< 5pF) may not need an RS since the
OPA830 is nominally compensated to operate with a 2pF
parasitic load. Higher parasitic capacitive loads without an
RS are allowed as the signal gain increases (increasing the
unloaded phase margin). If a long trace is required, and the
6dB
signal
loss
intrinsic
to
a
doubly-terminated
transmission line is acceptable, implement a matched
impedance transmission line using microstrip or stripline
techniques (consult an ECL design handbook for
microstrip and stripline layout techniques). A 50
Ω
environment is normally not necessary onboard, and in
fact, a higher impedance environment will improve
distortion as shown in the distortion versus load plots. With
a characteristic board trace impedance defined (based on
board material and trace dimensions), a matching series
resistor into the trace from the output of the OPA830 is
used as well as a terminating shunt resistor at the input of
the
destination
device.
Remember
also
that
the
terminating impedance will be the parallel combination of
the shunt resistor and the input impedance of the
destination device; this total effective impedance should
be set to match the trace impedance. If the 6dB attenuation
of a doubly-terminated transmission line is unacceptable,
a long trace can be series-terminated at the source end
only. Treat the trace as a capacitive load in this case and
set the series resistor value as shown in the typical
characteristic curve Recommended RS vs Capacitive
Load. This will not preserve signal integrity as well as a
doubly-terminated line. If the input impedance of the
destination device is low, there will be some signal
attenuation due to the voltage divider formed by the series
output into the terminating impedance.
e) Socketing a high-speed part is not recommended.
The additional lead length and pin-to-pin capacitance
introduced by the socket can create an extremely
troublesome parasitic network which can make it almost
impossible to achieve a smooth, stable frequency
response. Best results are obtained by soldering the
OPA830 onto the board.
INPUT AND ESD PROTECTION
The OPA830 is built using a very high-speed complemen-
tary bipolar process. The internal junction breakdown
voltages are relatively low for these very small geometry
devices. These breakdowns are reflected in the Absolute
Maximum Ratings table. All device pins are protected with
internal ESD protection diodes to the power supplies, as
shown in Figure 11.
External
Pin
+V
CC
−V
CC
Internal
Circuitry
Figure 11. Internal ESD Protection
These diodes provide moderate protection to input
overdrive voltages above the supplies as well. The
protection diodes can typically support 30mA continuous
current. Where higher currents are possible (that is, in
systems with
±15V supply parts driving into the OPA830),
current-limiting series resistors should be added into the
two inputs. Keep these resistor values as low as possible,
since high values degrade both noise performance and
frequency response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com