Electronic Components Datasheet Search
  English  ▼

X  

OPA830IDBVT Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA830IDBVT
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA830IDBVT Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button OPA830IDBVT Datasheet HTML 22Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 23Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 24Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 25Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 26Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 27Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 28Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 29Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
OPA830
SBOS263F − AUGUST 2004 − REVISED AUGUST 2008
www.ti.com
26
resistances), using worst-case +25
°C input offset voltage
and current specifications, gives a worst-case output
offset voltage equal to:
(NG = noninverting signal gain at DC)
±(NG × VOS(MAX)) + (RF × IOS(MAX))
=
±(2 × 7mV) × (375Ω × 1µA)
=
±14.38mV
A fine-scale output offset null, or DC operating point
adjustment, is often required. Numerous techniques are
available for introducing DC offset control into an op amp
circuit. Most of these techniques are based on adding a DC
current through the feedback resistor. In selecting an offset
trim method, one key consideration is the impact on the
desired signal path frequency response. If the signal path
is intended to be noninverting, the offset control is best
applied as an inverting summing signal to avoid interaction
with the signal source. If the signal path is intended to be
inverting, applying the offset control to the noninverting
input may be considered. Bring the DC offsetting current
into the inverting input node through resistor values that
are much larger than the signal path resistors. This will
insure that the adjustment circuit has minimal effect on the
loop gain and hence the frequency response.
THERMAL ANALYSIS
Maximum desired junction temperature will set the
maximum
allowed
internal
power
dissipation,
as
described below. In no case should the maximum junction
temperature be allowed to exceed 150
°C.
Operating junction temperature (TJ) is given by
TA +PD × qJA. The total internal power dissipation (PD)
is the sum of quiescent power (PDQ) and additional
power dissipated in the output stage (PDL) to deliver load
power. Quiescent power is simply the specified no-load
supply current times the total supply voltage across the
part. PDL will depend on the required output signal and
load;
though,
for
resistive
loads
connected
to
mid-supply (VS/2), PDL is at a maximum when the output
is fixed at a voltage equal to VS/4 or 3VS/4. Under this
condition, PDL =VS2/(16 × RL), where RL includes
feedback network loading.
Note that it is the power in the output stage, and not into the
load, that determines internal power dissipation.
As a worst-case example, compute the maximum TJ using
an OPA830 (SOT23-5 package) in the circuit of Figure 1
operating at the maximum specified ambient temperature
of +85
°C and driving a 150Ω load at mid-supply.
PD = 10V × 3.9mA + 52/(16 × (150Ω || 750Ω)) = 51.5mW
Maximum TJ = +85°C + (0.051W × 150°C/W) = 93°C.
Although this is still well below the specified maximum
junction temperature, system reliability considerations
may require lower ensured junction temperatures. The
highest possible internal dissipation will occur if the load
requires current to be forced into the output at high output
voltages or sourced from the output at low output voltages.
This puts a high current through a large internal voltage
drop in the output transistors.
BOARD LAYOUT GUIDELINES
Achieving optimum performance with a high-frequency
amplifier like the OPA830 requires careful attention to
board layout parasitics and external component types.
Recommendations that will optimize performance include:
a) Minimize parasitic capacitance to any AC ground for
all of the signal I/O pins. Parasitic capacitance on the
output and inverting input pins can cause instability: on the
noninverting input, it can react with the source impedance
to cause unintentional bandlimiting. To reduce unwanted
capacitance, a window around the signal I/O pins should
be opened in all of the ground and power planes around
those pins. Otherwise, ground and power planes should
be unbroken elsewhere on the board.
b) Minimize the distance ( < 0.25”) from the power-supply
pins to high-frequency 0.1
µF decoupling capacitors. At the
device pins, the ground and power-plane layout should not
be in close proximity to the signal I/O pins. Avoid narrow
power and ground traces to minimize inductance between
the pins and the decoupling capacitors. Each power-
supply connection should always be decoupled with one
of these capacitors. An optional supply decoupling
capacitor (0.1
µF) across the two power supplies (for
bipolar operation) will improve 2nd-harmonic distortion
performance.
Larger
(2.2
µF to 6.8µF) decoupling
capacitors, effective at lower frequency, should also be
used on the main supply pins. These may be placed
somewhat farther from the device and may be shared
among several devices in the same area of the PC board.
c) Careful selection and placement of external
components will preserve the high-frequency perfor-
mance. Resistors should be a very low reactance type.
Surface-mount resistors work best and allow a tighter
overall
layout.
Metal
film
or
carbon
composition
axially-leaded resistors can also provide good high-
frequency performance. Again, keep their leads and PC
board traces as short as possible. Never use wire-wound
type resistors in a high-frequency application. Since the
output pin and inverting input pin are the most sensitive to
parasitic capacitance, always position the feedback and
series output resistor, if any, as close as possible to the
output
pin.
Other
network
components,
such
as
noninverting input termination resistors, should also be
placed
close to the package. Where double-side
component mounting is allowed, place the feedback
resistor directly under the package on the other side of the
board between the output and inverting input pins. Even
with a low parasitic capacitance shunting the external
resistors, excessively high resistor values can create



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com