Electronic Components Datasheet Search
  English  ▼

X  

OPA830IDBVT Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA830IDBVT
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA830IDBVT Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button OPA830IDBVT Datasheet HTML 20Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 21Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 22Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 23Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 24Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 25Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 26Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 27Page - National Semiconductor (TI) OPA830IDBVT Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
OPA830
SBOS263F − AUGUST 2004 − REVISED AUGUST 2008
www.ti.com
24
OPA830
50
Ω Source
R
F
750
Ω
R
G
374
Ω
2R
T
1.5k
Ω
R
M
57.6
Ω
+5V
2R
T
1.5k
Ω
150
Ω
0.1
µF
6.8
µF
+
0.1
µF
0.1
µF
+V
S
2
Figure 9. AC-Coupled, G = −2 Example Circuit
In
the
inverting
configuration,
three
key
design
considerations must be noted. The first consideration is
that the gain resistor (RG) becomes part of the signal
channel input impedance. If input impedance matching is
desired (which is beneficial whenever the signal is coupled
through a cable, twisted pair, long PC board trace, or other
transmission line conductor), RG may be set equal to the
required termination value and RF adjusted to give the
desired gain. This is the simplest approach and results in
optimum bandwidth and noise performance.
However, at low inverting gains, the resulting feedback
resistor value can present a significant load to the amplifier
output. For an inverting gain of 2, setting RG to 50Ω for
input matching eliminates the need for RM but requires a
100
Ω feedback resistor. This configuration has the
interesting advantage of the noise gain becoming equal to
2 for a 50
Ω source impedance—the same as the
noninverting circuits considered above. The amplifier
output will now see the 100
Ω feedback resistor in parallel
with the external load. In general, the feedback resistor
should be limited to the 200
Ω to 1.5kΩ range. In this case,
it is preferable to increase both the RF and RG values, as
shown in Figure 9, and then achieve the input matching
impedance with a third resistor (RM) to ground. The total
input impedance becomes the parallel combination of RG
and RM.
The second major consideration, touched on in the
previous paragraph, is that the signal source impedance
becomes part of the noise gain equation and hence
influences the bandwidth. For the example in Figure 9, the
RM value combines in parallel with the external 50Ω
source impedance (at high frequencies), yielding an
effective driving impedance of 50
Ω || 57.6Ω = 26.8Ω. This
impedance is added in series with RG for calculating the
noise gain. The resulting noise gain is 2.87 for Figure 9, as
opposed to only 2 if RM could be eliminated as discussed
above. The bandwidth will therefore be lower for the gain
of −2 circuit of Figure 9 (NG = +2.87) than for the gain of
+2 circuit of Figure 1.
The third important consideration in inverting amplifier
design is setting the bias current cancellation resistors on
the
noninverting
input
(a
parallel
combination
of
RT = 750Ω). If this resistor is set equal to the total DC
resistance looking out of the inverting node, the output DC
error, due to the input bias currents, will be reduced to
(Input Offset Current) times RF. With the DC blocking
capacitor in series with RG, the DC source impedance
looking out of the inverting mode is simply RF = 750Ω for
Figure 9. To reduce the additional high-frequency noise
introduced by this resistor and power-supply feed-through,
RT is bypassed with a capacitor.
OUTPUT CURRENT AND VOLTAGES
The
OPA830
provides
outstanding
output
voltage
capability. For the +5V supply, under no-load conditions at
+25
°C, the output voltage typically swings closer than
90mV to either supply rail.
The minimum specified output voltage and current
specifications over temperature are set by worst-case
simulations at the cold temperature extreme. Only at cold
startup will the output current and voltage decrease to the
numbers shown in the ensured tables. As the output
transistors deliver power, their junction temperatures will
increase, decreasing their VBEs (increasing the available
output voltage swing) and increasing their current gains
(increasing the available output current). In steady-state
operation, the available output voltage and current will
always be greater than that shown in the over-temperature
specifications,
since
the
output
stage
junction
temperatures will be higher than the minimum specified
operating ambient.
To maintain maximum output stage linearity, no output
short-circuit protection is provided. This will not normally
be a problem, since most applications include a series
matching resistor at the output that will limit the internal
power dissipation if the output side of this resistor is
shorted to ground. However, shorting the output pin
directly to the adjacent positive power-supply pin (8-pin
packages) will, in most cases, destroy the amplifier. If
additional short-circuit protection is required, consider a
small series resistor in the power-supply leads. This will
reduce the available output voltage swing under heavy
output loads.
DRIVING CAPACITIVE LOADS
One of the most demanding and yet very common load
conditions for an op amp is capacitive loading. Often, the
capacitive load is the input of an ADC—including
additional external capacitance which may be recom-
mended to improve ADC linearity. A high-speed, high
open-loop gain amplifier like the OPA830 can be very
susceptible to decreased stability and closed-loop
response peaking when a capacitive load is placed directly
on the output pin. When the primary considerations are
frequency response flatness, pulse response fidelity,
and/or distortion, the simplest and most effective solution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com