Electronic Components Datasheet Search
  English  ▼

X  

OPA835IDBVT Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA835IDBVT
Description  Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA835IDBVT Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button OPA835IDBVT Datasheet HTML 13Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 14Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 15Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 16Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 17Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 18Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 19Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 20Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
OPA835
OPA2835
www.ti.com
SLOS713E – JANUARY 2011 – REVISED JULY 2013
TYPICAL PERFORMANCE GRAPHS: VS = 5 V
Test conditions unless otherwise noted: VS+ = +5 V, VS– = 0 V, VOUT = 2 Vpp, RF = 0 Ω, RL = 2 kΩ, G = 1 V/V, Input and
Output Referenced to mid-supply unless otherwise noted. TA = 25°C.
Table of Graphs
FIGURES
Small Signal Frequency Response
Figure 27
Large Signal Frequency Response
Figure 28
Noninverting Pulse Response
Figure 29
Inverting Pulse Response
Figure 30
Slew rate
vs Output Voltage Step
Figure 31
Output Overdrive Recovery
Figure 32
Harmonic Distortion
vs Frequency
Figure 33
Harmonic Distortion
vs Load Resistance
Figure 34
Harmonic Distortion
vs Output Voltage
Figure 35
Harmonic Distortion
vs Gain
Figure 36
Output Voltage Swing
vs Load Resistance
Figure 37
Output Saturation Voltage
vs Load Current
Figure 38
Output Impedance
vs Frequency
Figure 39
Frequency Response with Capacitive Load
Figure 40
Series Output Resistor
vs Capacitive Load
Figure 41
Input Referred Noise
vs Frequency
Figure 42
Open Loop Gain
vs Frequency
Figure 43
Common Mode/Power Supply Rejection Ratios
vs Frequency
Figure 44
Crosstalk
vs Frequency
Figure 45
Power Down Response
Figure 46
Input Offset Voltage
Figure 47
Input Offset Voltage
vs Free-Air Temperature
Figure 48
Input Offset Voltage Drift
Figure 49
Input Offset Current
Figure 50
Input Offset Current
vs Free-Air Temperature
Figure 51
Input Offset Current Drift
Figure 52
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com