Electronic Components Datasheet Search
  English  ▼

X  

OPA835IDBVT Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA835IDBVT
Description  Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA835IDBVT Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button OPA835IDBVT Datasheet HTML 6Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 7Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 8Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 9Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 10Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 11Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 12Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 13Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
OPA835
OPA2835
SLOS713E – JANUARY 2011 – REVISED JULY 2013
www.ti.com
PIN FUNCTIONS
PIN
DESCRIPTION
NUMBER
NAME
OPA835 DBV PACKAGE
1
VOUT
Amplifier output
2
VS–
Negative power supply input
3
VIN+
Amplifier non-inverting input
4
VIN–
Amplifier inverting input
5
PD
Amplifier Power Down, low = low power mode, high = normal operation (PIN MUST BE DRIVEN)
6
VS+
Positive power supply input
OPA835 RUN PACKAGE
1
VOUT
Amplifier output
2
VIN–
Amplifier inverting input
3
VIN+
Amplifier non-inverting input
4
PD
Amplifier Power Down, low = low power mode, high = normal operation (PIN MUST BE DRIVEN)
5
VS–
Negative power supply input
6
FB4
Connection to bottom of 250
Ω internal gain setting resistors
7
FB3
Connection to junction of 750 and 250
Ω internal gain setting resistors
8
FB2
Connection to junction of 1k and 750
Ω internal gain setting resistors
9
FB1
Connection to top of 1k
Ω internal gain setting resistors
10
VS+
Positive power supply input
OPA2835 D PACKAGE
1
VOUT1
Amplifier 1 output
2
VIN1–
Amplifier 1 inverting input
3
VIN1+
Amplifier 1 non-inverting input
4
VS–
Negative power supply input
5
VIN2+
Amplifier 2 non-inverting input
6
VIN2–
Amplifier 2 inverting input
7
VOUT2
Amplifier 2 output
8
VS+
Positive power supply input
OPA2835 DSG PACKAGE
1
VOUT1
Amplifier 1 output
2
VIN1–
Amplifier 1 inverting input
3
VIN1+
Amplifier 1 non-inverting input
4
VS–
Negative power supply input
5
PD1
Amplifier 1 Power Down, low = low power mode, high = normal operation (PIN MUST BE DRIVEN)
6
PD2
Amplifier 2 Power Down, low = low power mode, high = normal operation (PIN MUST BE DRIVEN)
7
VIN2+
Amplifier 2 non-inverting input
8
VIN2–
Amplifier 2 inverting input
9
VOUT2
Amplifier 2 output
10
VS+
Positive power supply input
OPA2835 RUN AND RMC PACKAGES
1
VOUT1
Amplifier 1 output
2
VIN1–
Amplifier 1 inverting input
3
VIN1+
Amplifier 1 non-inverting input
4
PD1
Amplifier 1 Power Down, low = low power mode, high = normal operation (PIN MUST BE DRIVEN)
5
VS–
Negative power supply input
6
PD2
Amplifier 2 Power Down, low = low power mode, high = normal operation (PIN MUST BE DRIVEN)
7
VIN2+
Amplifier 2 non-inverting input
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com