Electronic Components Datasheet Search
  English  ▼

X  

OPA835IDBVT Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA835IDBVT
Description  Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA835IDBVT Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button OPA835IDBVT Datasheet HTML 25Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 26Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 27Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 28Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 29Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 30Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 31Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 32Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
OPA 835
Load
V
SIG
2.5 V
R
G
5 V
R
F
V
OUT
OPA 835
Load
V
SIG
R
G
R
F
V
OUT
+2.5 V
-2.5 V
OPA835
OPA2835
www.ti.com
SLOS713E – JANUARY 2011 – REVISED JULY 2013
Figure 61. Split Supply Operation
Single-Supply Operation (2.5V to 5.5V)
Many newer systems use single power supply to improve efficiency and reduce the cost of the power supply.
OPA835 and OPA2835 are designed for use with single-supply power operation and can be used with single-
supply power with no change in performance from split supply as long as the input and output are biased within
the linear operation of the device.
To change the circuit from split supply to single supply, level shift of all voltages by ½ the difference between the
power supply rails. For example, changing from ±2.5 V split supply to 5 V single supply is shown conceptually in
Figure 62.
Figure 62. Single Supply Concept
A more practical circuit will have an amplifier or other circuit before to provide the bias voltage for the input and
the output provides the bias for the next stage.
Figure 63 shows a typical non-inverting amplifier situation. With 5V single supply, a mid supply reference
generator is needed to bias the negative side via RG. To cancel the voltage offset that would otherwise be
caused by the input bias currents, R1 is chosen to be equal to RF in parallel with RG. For example if gain of 2 is
required and RF = 2 kΩ, select RG = 2 kΩ to set the gain and R1 = 1 kΩ for bias current cancellation. The value
for C is dependent on the reference, but at least 0.1µF is recommended to limit noise.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com