Electronic Components Datasheet Search
  English  ▼

X  

THS4012CD Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4012CD
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4012CD Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button THS4012CD Datasheet HTML 15Page - National Semiconductor (TI) THS4012CD Datasheet HTML 16Page - National Semiconductor (TI) THS4012CD Datasheet HTML 17Page - National Semiconductor (TI) THS4012CD Datasheet HTML 18Page - National Semiconductor (TI) THS4012CD Datasheet HTML 19Page - National Semiconductor (TI) THS4012CD Datasheet HTML 20Page - National Semiconductor (TI) THS4012CD Datasheet HTML 21Page - National Semiconductor (TI) THS4012CD Datasheet HTML 22Page - National Semiconductor (TI) THS4012CD Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
P
D +
T
MAX *
T
A
q
JA
DGNPackage
θJA =58.4°C/W
2-ozTraceandCopperPad
WithSolder
DGNPackage
θJA =158°C/W
2-ozTraceand
CopperPad
WithoutSolder
SOICPackage
High-KTestPCB
θJA =98°C/W
TJ =150°C
SOICPackage
Low-KTestPCB
θJA =167°C/W
2
1.5
1
0
−40
−20
0
20
40
2.5
3
3.5
60
80
100
0.5
TA − Free-AirTemperature − °C
THS4011
THS4012
www.ti.com
SLOS216E – JUNE 1999 – REVISED APRIL 2010
Where:
PD = Maximum power dissipation of THS401x IC (watts)
TMAX = Absolute maximum junction temperature (150°C)
TA = Free-ambient air temperature (°C)
qJA = qJC + qCA
qJC = Thermal coefficient from junction to case
qCA = Thermal coefficient from case to ambient air (°C/W)
A.
Results are with no airflow and PCB size = 3 in × 3 in
Figure 35. Maximum Power Dissipation vs Free-Air Temperature
More complete details of the PowerPAD installation process and thermal-management techniques can be found
in the TI technical brief, PowerPAD™ Thermally-Enhanced Package. This document can be found at the TI web
site (www.ti.com) by searching on the keyword PowerPAD. The document can also be ordered through your
local TI sales office. Refer to literature number SLMA002 when ordering.
The next consideration is the package constraints. The two sources of heat within an amplifier are quiescent
power and output power. The designer should never forget about the quiescent heat generated within the device,
especially multiple amplifier devices. Because these devices have linear output stages (Class A-B), most of the
heat dissipation is at low output voltages with high output currents. Figure 36 to Figure 39 show this effect, along
with the quiescent heat, with an ambient air temperature of 50°C. When using VCC = ±5 V, there is generally not
a heat problem, even with SOIC packages. But, when using VCC = ±15 V, the SOIC package is severely limited
in the amount of heat it can dissipate. The other key factor when looking at these graphs is how the devices are
mounted on the PCB. The PowerPAD devices are extremely useful for heat dissipation. But, the device should
always be soldered to a copper plane to fully use the heat-dissipation properties of the PowerPAD package. The
SOIC package, on the other hand, is highly dependent on how it is mounted on the PCB. As more trace and
copper area is placed around the device, qJA decreases and the heat dissipation capability increases. The
currents and voltages shown in these graphs are for the total package. For the dual amplifier package
(THS4012), the sum of the RMS output currents and voltages should be used to choose the proper package.
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): THS4011 THS4012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com