Electronic Components Datasheet Search
  English  ▼

X  

THS4012CD Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4012CD
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4012CD Datasheet(HTML) 4 Page - National Semiconductor (TI)

  THS4012CD Datasheet HTML 1Page - National Semiconductor (TI) THS4012CD Datasheet HTML 2Page - National Semiconductor (TI) THS4012CD Datasheet HTML 3Page - National Semiconductor (TI) THS4012CD Datasheet HTML 4Page - National Semiconductor (TI) THS4012CD Datasheet HTML 5Page - National Semiconductor (TI) THS4012CD Datasheet HTML 6Page - National Semiconductor (TI) THS4012CD Datasheet HTML 7Page - National Semiconductor (TI) THS4012CD Datasheet HTML 8Page - National Semiconductor (TI) THS4012CD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
THS4011
THS4012
SLOS216E – JUNE 1999 – REVISED APRIL 2010
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VCC
Supply voltage
±16.5
V
VI
Input voltage
±VCC
IO
Output current
175
mA
VID
Differential input voltage
±4
V
Continuous total power dissipation
See Dissipation Rating Table
TJ
Maximum junction temperature
150
°C
THS401xC
0 to 70
°C
TA
Operation free-air temperature range
THS401xI
–40 to 85
°C
THS4011M
–55 to 125
°C
Tstg
Storage temperature range
–65 to 150
°C
DISSIPATION RATINGS
qJA
qJC
TA = 25°C
PACKAGE
(°C/W)
(°C/W)
POWER RATING
D
167(1)
38.3
740 mW
DGN(2)
58.4
4.7
2.14 W
JG
119
28
1050 mW
FK
87.7
20
1375 mW
(1)
This data was taken using the JEDEC standard Low-K test PCB. For the JEDEC-proposed High-K test
PCB, the qJA is 95°C/W with a power rating at 1.32 W at TA = 25°C.
(2)
This data was taken using 2-oz trace and copper pad that is soldered directly to a 3-in × 3-in PC. For
further information, refer to the Application Information section of this data sheet.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Split supply
±4.5
±16
VCC
Supply voltage
V
Single supply
9
32
C suffix
0
70
TA
Operating free-air temperature
I suffix
–40
85
°C
M suffix
–55
125
4
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4011 THS4012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com