Electronic Components Datasheet Search
  English  ▼

X  

THS4012CD Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4012CD
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4012CD Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button THS4012CD Datasheet HTML 16Page - National Semiconductor (TI) THS4012CD Datasheet HTML 17Page - National Semiconductor (TI) THS4012CD Datasheet HTML 18Page - National Semiconductor (TI) THS4012CD Datasheet HTML 19Page - National Semiconductor (TI) THS4012CD Datasheet HTML 20Page - National Semiconductor (TI) THS4012CD Datasheet HTML 21Page - National Semiconductor (TI) THS4012CD Datasheet HTML 22Page - National Semiconductor (TI) THS4012CD Datasheet HTML 23Page - National Semiconductor (TI) THS4012CD Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
PackageWith
θJA <=120°C/W
SO-8Package
θJA =167°C/W
Low-KTestPCB
VCC = ±5V
Tj =150°C
TA =50°C
100
80
40
0
0
1
2
3
140
180
200
4
5
160
120
60
20
|VO| − RMSOutputVoltage − V
MaximumOutput
CurrentLimitLine
SafeOperating
Area
100
10
0
3
6
9
1000
12
15
MaximumOutput
CurrentLimitLine
SO-8Package
θJA =167°C/W
Low-KTestPCB
SO-8Package
θJA =98°C/W
High-KTestPCB
TJ =150°C
TA =50°C
|VO| − RMSOutputVoltage − V
VCC = ±15V
DGNPackage
θJA =58.4°C/W
SafeOperating
Area
PackageWith
θJA ≤ 60°C/W
SO-8Package
θJA =98°C/W
High-KTestPCB
VCC = ±5V
TJ =150°C
TA =50°C
BothChannels
100
80
40
0
0
1
2
3
140
180
200
4
5
160
120
60
20
|VO| − RMSOutputVoltage − V
MaximumOutput
CurrentLimitLine
SO-8Package
θJA =167°C/W
Low-KTestPCB
SafeOperatingArea
100
10
0
3
6
9
1000
12
15
MaximumOutput
CurrentLimitLine
|VO| − RMSOutputVoltage − V
VCC = ±15V
TJ =150°C
TA =50°C
BothChannels
1
SO-8Package
θJA =167°C/W
Low-KTestPCB
DGNPackage
θJA =58.4°C/W
SafeOperatingArea
SO-8Package
θJA =98°C/W
High-KTestPCB
THS4011
THS4012
SLOS216E – JUNE 1999 – REVISED APRIL 2010
www.ti.com
THS4011
THS4011
MAXIMUM RMS OUTPUT CURRENT
MAXIMUM RMS OUTPUT CURRENT
vs
vs
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
Figure 36.
Figure 37.
THS4012
THS4012
MAXIMUM RMS OUTPUT CURRENT
MAXIMUM RMS OUTPUT CURRENT
vs
vs
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
Figure 38.
Figure 39.
20
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4011 THS4012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com