Electronic Components Datasheet Search
  English  ▼

X  

THS4012CD Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4012CD
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4012CD Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button THS4012CD Datasheet HTML 17Page - National Semiconductor (TI) THS4012CD Datasheet HTML 18Page - National Semiconductor (TI) THS4012CD Datasheet HTML 19Page - National Semiconductor (TI) THS4012CD Datasheet HTML 20Page - National Semiconductor (TI) THS4012CD Datasheet HTML 21Page - National Semiconductor (TI) THS4012CD Datasheet HTML 22Page - National Semiconductor (TI) THS4012CD Datasheet HTML 23Page - National Semiconductor (TI) THS4012CD Datasheet HTML 24Page - National Semiconductor (TI) THS4012CD Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
_
+
THS4011
VCC −
VCC+
C3
6.8 mF
C4
0.1 mF
C1
6.8 mF
C2
0.1 mF
R1
1kΩ
R5
1kΩ
R3
49.9 Ω
R2
49.9 Ω
R4
49.9 Ω
IN −
IN +
NULL
OUT
NULL
+
+
THS4011
THS4012
www.ti.com
SLOS216E – JUNE 1999 – REVISED APRIL 2010
EVALUATION BOARD
An evaluation board is available for the THS4011 (literature number SLOP128) and THS4012 (literature number
SLOP230). This board has been configured for low parasitic capacitance in order to realize the full performance
of the amplifier. A schematic of the THS4011 evaluation board is shown in Figure 40. The circuitry has been
designed so that the amplifier may be used in either an inverting or noninverting configuration. For more
information, refer to the THS4011 EVM User's Guide (literature number SLOU028) or the THS4012 EVM User's
Guide (literature number SLOU041) To order the evaluation board, contact your local TI sales office or
distributor.
Figure 40. THS4011 Evaluation Board
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): THS4011 THS4012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com