Electronic Components Datasheet Search
  English  ▼

X  

THS4012CD Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4012CD
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4012CD Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button THS4012CD Datasheet HTML 18Page - National Semiconductor (TI) THS4012CD Datasheet HTML 19Page - National Semiconductor (TI) THS4012CD Datasheet HTML 20Page - National Semiconductor (TI) THS4012CD Datasheet HTML 21Page - National Semiconductor (TI) THS4012CD Datasheet HTML 22Page - National Semiconductor (TI) THS4012CD Datasheet HTML 23Page - National Semiconductor (TI) THS4012CD Datasheet HTML 24Page - National Semiconductor (TI) THS4012CD Datasheet HTML 25Page - National Semiconductor (TI) THS4012CD Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
THS4011
THS4012
SLOS216E – JUNE 1999 – REVISED APRIL 2010
www.ti.com
REVISION HISTORY
Changes from Original (June 1999) to Revision A
Page
•
Changed Feature List item From: 0.006% Differential Gain Error To: 0.01% Differential Gain Error .................................. 1
•
Replaced the HIGH SPEED FAMILY of DEVICES table with the RELATED DEVICES table ............................................. 1
•
Changed the Available Options table, THS4012ID MSOP Symbol From: TAIBG To: TIABZ .............................................. 2
•
Changed the ELECTRICAL CHARACTERISTIC table ......................................................................................................... 5
•
Changed the TYPICAL CHARACTERISTICS section .......................................................................................................... 9
•
Changed Figure 26, Noise Figure vs Source Resistance ................................................................................................... 14
•
Changed Figure 36 through Figure 39 ............................................................................................................................... 20
•
Changed Figure 40, THS4011 Evaluation Board ............................................................................................................... 21
Changes from Revision A (February 2000) to Revision B
Page
•
Changed Feature List item From: 0.01% Differential Gain Error To: 0.006% Differential Gain Error .................................. 1
•
Added THS4011M to the Abs Max table .............................................................................................................................. 4
•
Added the ELECTRICAL CHARACTERISTICS for device number THS4011M .................................................................. 7
Changes from Revision B (February 2000) to Revision C
Page
•
Changed Figure 24, THS4011/4012 Simplified Schematic ................................................................................................ 12
Changes from Revision C (May 2006) to Revision D
Page
•
Changed Figure 29 - Output Offset Voltage Model docato-extra-info-title Output Offset Voltage Model ........................... 16
Changes from Revision D (June 2007) to Revision E
Page
•
Deleted Lead temperature and Case temperature from the Abs Max table ......................................................................... 4
•
Changed Figure 5 label - From: Input Bias Current - A To: Input Bias Current - µA ........................................................... 9
22
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4011 THS4012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com