Electronic Components Datasheet Search
  English  ▼

X  

THS4524MDBTEP Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4524MDBTEP
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4524MDBTEP Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button THS4524MDBTEP Datasheet HTML 17Page - National Semiconductor (TI) THS4524MDBTEP Datasheet HTML 18Page - National Semiconductor (TI) THS4524MDBTEP Datasheet HTML 19Page - National Semiconductor (TI) THS4524MDBTEP Datasheet HTML 20Page - National Semiconductor (TI) THS4524MDBTEP Datasheet HTML 21Page - National Semiconductor (TI) THS4524MDBTEP Datasheet HTML 22Page - National Semiconductor (TI) THS4524MDBTEP Datasheet HTML 23Page - National Semiconductor (TI) THS4524MDBTEP Datasheet HTML 24Page - National Semiconductor (TI) THS4524MDBTEP Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
-100
105
110
115
120
125
130
135
140
-
-
-
-
-
-
-
-
10
100
10k
1k
100k
1M
Frequency(Hz)
V
=5V
G=1V/V
R =1k
S+
F
OUT
RMS
W
R =1k
L
W
ActiveChannelV
=1V
110
100
90
80
70
60
50
10k
100k
1M
10M
100M
Frequency(Hz)
V
=5.0V
G=1V/V
R =1k
S+
F
W
CMRR
+PSRR
PSRR
-
5
0
5
10
15
20
25
-
-
-
-
-
100k
1M
10M
100M
1G
Frequency(Hz)
C =10pF
R =124
L
O
W
C =100pF
R =35.7
L
O
W
C =1000pF
R =7.15
L
O
W
C =4.7pF
R =150
L
O
W
1k
100
10
1
10
100
1000
C
(pF)
LOAD
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
10
100
1k
10k
LoadResistance( )
W
V
max
OUT
V
min
OUT
LinearVoltageRange
V
=2.5V
OCM
100
10
1
0.1
0.01
100k
1M
10M
100M
Frequency(Hz)
THS4524-EP
www.ti.com
SBOS609A – JUNE 2012 – REVISED AUGUST 2013
TYPICAL CHARACTERISTICS: 5 V (continued)
At VS+ = +5 V, VS– = 0 V, VOCM = open, VOUT = 2 VPP (differential), RF = 1 kΩ, RL = 1 kΩ differential, G = 1 V/V, single-ended
input, differential output, and input and output referenced to midsupply, unless otherwise noted.
SINGLE-ENDED OUTPUT VOLTAGE SWING
MAIN AMPLIFIER DIFFERENTIAL OUTPUT IMPEDANCE
vs DIFFERENTIAL LOAD RESISTANCE
vs FREQUENCY
Figure 40.
Figure 41.
FREQUENCY RESPONSE vs CLOAD
RO vs CLOAD
RLOAD = 1 kΩ
RLOAD = 1 kΩ
Figure 42.
Figure 43.
REJECTION RATIO vs FREQUENCY
CROSSTALK (MEASURED DIFFERENTIALLY)
Figure 44.
Figure 45.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links :THS4524-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com