Electronic Components Datasheet Search
  English  ▼

X  

THS4524MDBTEP Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4524MDBTEP
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4524MDBTEP Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button THS4524MDBTEP Datasheet HTML 8Page - National Semiconductor (TI) THS4524MDBTEP Datasheet HTML 9Page - National Semiconductor (TI) THS4524MDBTEP Datasheet HTML 10Page - National Semiconductor (TI) THS4524MDBTEP Datasheet HTML 11Page - National Semiconductor (TI) THS4524MDBTEP Datasheet HTML 12Page - National Semiconductor (TI) THS4524MDBTEP Datasheet HTML 13Page - National Semiconductor (TI) THS4524MDBTEP Datasheet HTML 14Page - National Semiconductor (TI) THS4524MDBTEP Datasheet HTML 15Page - National Semiconductor (TI) THS4524MDBTEP Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
THS4524-EP
SBOS609A – JUNE 2012 – REVISED AUGUST 2013
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs: VS+ – VS– = 3.3 V
TITLE
FIGURE
Small-Signal Frequency Response
Figure 2
Large-Signal Frequency Response
Figure 3
Large- and Small-Signal Pulse Response
Figure 4
Slew Rate vs VOUT Step
Figure 5
Overdrive Recovery
Figure 6
10-kHz Output Spectrum on AP Analyzer
Figure 7
Harmonic Distortion vs Frequency
Figure 8
Harmonic Distortion vs Output Voltage at 1 MHz
Figure 9
Harmonic Distortion vs Gain at 1 MHz
Figure 10
Harmonic Distortion vs Load at 1 MHz
Figure 11
Harmonic Distortion vs VOCM at 1 MHz
Figure 12
Two-Tone, Second- and Third-Order Intermodulation Distortion vs Frequency
Figure 13
Single-Ended Output Voltage Swing vs Load Resistance
Figure 14
Main Amplifier Differential Output Impedance vs Frequency
Figure 15
Frequency Response vs CLOAD (RLOAD = 1 kΩ)
Figure 16
RO vs CLOAD (RLOAD = 1 kΩ)
Figure 17
Rejection Ratio vs Frequency
Figure 18
Crosstalk (Measured Differentially)
Figure 19
Turn-on Time
Figure 20
Turn-off Time
Figure 21
Input-Referred Voltage Noise and Current Noise Spectral Density
Figure 22
Main Amplifier Differential Open-Loop Gain and Phase
Figure 23
Output Balance Error vs Frequency
Figure 24
VOCM Small-Signal Frequency Response
Figure 25
VOCM Large-Signal Frequency Response
Figure 26
VOCM Input Impedance vs Frequency
Figure 27
12
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links :THS4524-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com