Electronic Components Datasheet Search
  English  ▼

X  

SARS01 Datasheet(PDF) 5 Page - Sanken electric

Part # SARS01
Description  High Efficiency Snubber Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SARS01 Datasheet(HTML) 5 Page - Sanken electric

  SARS01 Datasheet HTML 1Page - Sanken electric SARS01 Datasheet HTML 2Page - Sanken electric SARS01 Datasheet HTML 3Page - Sanken electric SARS01 Datasheet HTML 4Page - Sanken electric SARS01 Datasheet HTML 5Page - Sanken electric SARS01 Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
SANKEN ELECTRIC CO., LTD.
SARS01-DS
SARS01
February 25, 2003
High Efficiency Snubber Diode
Packing Options
Axial taping
Axial taping
Axial taping
Reel
Ammunition
(Ammo) pack
Ammunition
(Ammo) pack
Ammunition
(Ammo) pack
0.5max
1.0 1.0
+
---
0.5
0.5max
52.0 0
+1
6.0 0
+0.5
6.0 0
+0.5
(Blue)
(White)
0.5max
1.0 1.0
+
---
0.5
0.5max
52.0 0
+1
(Blue)
(White)
6.0 0
+0.5
6.0 0
+0.5
Broken lines:
perforation
255max
77m
ax
Part No., Lot No., Quantity
0.5max
1.0 1.0
+
---
0.5
0.5max
26.0 0
+1
6.0 0
+0.5
6.0 0
+0.5
(Blue)
(White)
Broken lines:
perforation
Part No., Lot No., Quantity
255max
51max
Core Flange
81
75
25
Part No., Lot No.,
Quantity
15
Holddown clip
2
2
2
0.1
Radial taping
4.0
6.35
12.7
2.6max
max
4.2
12.7
12.7
3.85
5.0
12.7
0
1.3
1.0
1.0
0.2
0.5
0.3
2.0
0.7
1.0
5,000 pieces
per reel
2,000 pieces
per box
2,000 pieces
per box
4,000 pieces
per box
Broken lines:
perforation
Part No., Lot No., Quantity
ANODE
340max
V orientation
V1 orientation
V0 orientation
W orientation
Dimensions in mm
2
1
2
1
2
1
2
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com