Electronic Components Datasheet Search
  English  ▼

X  

SARS01 Datasheet(PDF) 4 Page - Sanken electric

Part # SARS01
Description  High Efficiency Snubber Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SARS01 Datasheet(HTML) 4 Page - Sanken electric

  SARS01 Datasheet HTML 1Page - Sanken electric SARS01 Datasheet HTML 2Page - Sanken electric SARS01 Datasheet HTML 3Page - Sanken electric SARS01 Datasheet HTML 4Page - Sanken electric SARS01 Datasheet HTML 5Page - Sanken electric SARS01 Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SANKEN ELECTRIC CO., LTD.
SARS01-DS
SARS01
February 25, 2003
High Efficiency Snubber Diode
1
2
3
Pin treatment Pb-free. Device composition
compliant with the RoHS directive.
Product Number
Abbreviation of SARS01
Lot Number, part 1
Y
is the last digit of the year (0 to 9)
M
is the month (1 to 9, O, N, D)
Lot Number, part 2
D
is the period of days
•
– 1st to 10th
• • – 11th to 20th
• • • – 21st to 31st
1. Body: Plastic, epoxy resin
2. Chip: Si
3. Pins: Cu wire
Ag plating
Solder dipped
Weight: Approximately 0.2 g
Package Outline
Package Marking
Material Composition and Internal Structure
5.0±0.2
2
1
62.3±0.7
2.7±0.2
0.6±0.5
Cathode Index Band
Dimensions in mm
Offset body centerline to pin centerline 0.5 mm maximum
Concentricity body and pin 0.3 mm maximum
Pin dimension does not include trim burr; burr 2 mm maximum
A
A
C
C
B
B
Cathode Index Band
AR
S1
YM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com