Electronic Components Datasheet Search
  English  ▼

X  

SARS01 Datasheet(PDF) 1 Page - Sanken electric

Part # SARS01
Description  High Efficiency Snubber Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SARS01 Datasheet(HTML) 1 Page - Sanken electric

  SARS01 Datasheet HTML 1Page - Sanken electric SARS01 Datasheet HTML 2Page - Sanken electric SARS01 Datasheet HTML 3Page - Sanken electric SARS01 Datasheet HTML 4Page - Sanken electric SARS01 Datasheet HTML 5Page - Sanken electric SARS01 Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SANKEN ELECTRIC CO., LTD.
http://www.sanken-ele.co.jp/en/
High Efficiency Snubber Diode
Product Structure
Typical Application
Not to scale
SARS01
SARS01-DS
February 25, 2003
Package: Axial
Description
The SARS01 is an 800 V silicon diode designed especially for
use in high-efficiency snubber circuits. This diode can sustain
a high voltage with low loss, with low-noise rectification.
To suppress surge voltage, conduct the surge voltage and
noise into a capacitor via a series resistor, RS . Then allow the
capacitor to discharge the energy into power supply line with
the regenerative circuit operation, shown below in the typical
application circuit schematic.
Features and Benefits
▪ High Peak Reverse Voltage, VRM : 800 V
▪ Low Forward Voltage, VF : 0.92 V (max) at IF = 1.2 A
▪ Peak Forward Surge Current, IFSM : 110 A
▪ Average Forward Current, IF(AV) : 1.2 A
▪ Flammability rating UL94V-0 (Equivalent)
▪ Pins Pb (lead) free
Applications
▪ White goods appliances
▪ Audio-visual equipment
▪ Light fixtures
▪ Communication equipment
▪ Factory automation
Controller
SARS01
RS
Energy
Discharge
Loop
Surge
Voltage
Absorption
Loop
Epoxy resin body
Silicon chip
Silver plated and solder dipped
copper wire pins


Similar Part No. - SARS01

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SARS02 SANKEN-SARS02 Datasheet
158Kb / 7P
High Efficiency Snubber Diode
SARS05 SANKEN-SARS05 Datasheet
175Kb / 7P
High Efficiency Snubber Diode
More results

Similar Description - SARS01

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
PSD200-170 DACHANG-PSD200-170 Datasheet
175Kb / 5P
Power Snubber Diode
PSD200-200 DACHANG-PSD200-200 Datasheet
181Kb / 5P
Power Snubber Diode
PSD300-82 DACHANG-PSD300-82 Datasheet
147Kb / 5P
Power Snubber Diode
PSD300-200 DACHANG-PSD300-200 Datasheet
185Kb / 5P
Power Snubber Diode
logo
Sanken electric
SARS02 SANKEN-SARS02 Datasheet
158Kb / 7P
High Efficiency Snubber Diode
SARS05 SANKEN-SARS05 Datasheet
175Kb / 7P
High Efficiency Snubber Diode
SARS10 SANKEN-SARS10 Datasheet
147Kb / 7P
High Efficiency Snubber Diode
logo
Rugao Dachang Electroni...
PSD200-82 DACHANG-PSD200-82_15 Datasheet
143Kb / 5P
Power Snubber Diode
PSD300-82 DACHANG-PSD300-82_15 Datasheet
147Kb / 5P
Power Snubber Diode
logo
JILIN SINO-MICROELECTRO...
15F60UHF JSMC-15F60UHF Datasheet
271Kb / 6P
Snubber diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com