Electronic Components Datasheet Search
  English  ▼

X  

SARS01 Datasheet(PDF) 2 Page - Sanken electric

Part # SARS01
Description  High Efficiency Snubber Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SARS01 Datasheet(HTML) 2 Page - Sanken electric

  SARS01 Datasheet HTML 1Page - Sanken electric SARS01 Datasheet HTML 2Page - Sanken electric SARS01 Datasheet HTML 3Page - Sanken electric SARS01 Datasheet HTML 4Page - Sanken electric SARS01 Datasheet HTML 5Page - Sanken electric SARS01 Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SANKEN ELECTRIC CO., LTD.
SARS01-DS
SARS01
February 25, 2003
High Efficiency Snubber Diode
Absolute Maximum Ratings
Characteristic
Symbol
Conditions
Rating
Unit
Peak Reverse Surge Voltage
VRSM
800
V
Peak Reverse Voltage
VRM
800
V
Average Forward Current
IF(AV)
Refer to figure 1
1.2
A
Peak Forward Surge Current
IFSM
10 ms, half sine wave, one shot
110
A
Junction Temperature
Tj
–40 to 150
°C
Storage Temperature
Tstg
–40 to 150
°C
Selection Guide
Part Number
Packing*
SARS01
1000 pieces per box, bulk
SARS01V
5000 pieces per reel, 52 mm pitch axial taping
SARS01V1
2000 pieces per box, 52 mm pitch axial taping
SARS01V0
2000 pieces per box, 26 mm pitch axial taping
SARS01W
4000 pieces per box, radial taping
*See the Packing Options page for details on the packing orientation.
Design Notes
Use a series resistor (RS in the typical application circuit schematic), and choose a value for the resistor such that the SARS01 diode
saturates at junction temperature, Tj ≤ 150°C.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com