Electronic Components Datasheet Search
  English  ▼

X  

SARS01 Datasheet(PDF) 3 Page - Sanken electric

Part # SARS01
Description  High Efficiency Snubber Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SARS01 Datasheet(HTML) 3 Page - Sanken electric

  SARS01 Datasheet HTML 1Page - Sanken electric SARS01 Datasheet HTML 2Page - Sanken electric SARS01 Datasheet HTML 3Page - Sanken electric SARS01 Datasheet HTML 4Page - Sanken electric SARS01 Datasheet HTML 5Page - Sanken electric SARS01 Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SANKEN ELECTRIC CO., LTD.
SARS01-DS
SARS01
February 25, 2003
High Efficiency Snubber Diode
Electrical Characteristics
valid at TA = 25°C, unless otherwise specified
Characteristic
Symbol
Test Conditions
Value
Unit
Forward Voltage
VF
IF = 1.2 A
0.92 (max)
V
Reverse Current
IR
VR = VRM
10 (max)
μA
Reverse Current (High Temperature)
IR(H)
VR = VRM , Tj = 100°C
50 (max)
μA
Reverse Recovery Time
trr
IF = IRP = 10 mA, 90% recovery point; refer to
figure 2
2 to 18
μs
Thermal Resistance, Junction to Lead
RθJL
Between junction and pin
20 (max)
°C/W
Figure 1. Derating Characteristic and Mounting Conditions
Figure 2. Definition of Peak Reverse Current, IRP
100
80
60
40
20
0
0
20
40
60
80
100
120
140
160
Ambient Temperature, TA (°C)
Voltage Derating versus Ambient Temperature
Power loss by reverse voltage not included
Mounted on PCB
as shown at right
Bent Pin Length
= 15 mm
Cu Land Thickness = 35 μm
Cu Land Area = 10 × 10 mm
PCB Substrate Area = 180 × 100 mm
PCB Substrate
Thickness = 1.6 mm
IF = IRP = 1 to 10 mA
trr
100 μF
20 μs
200 μs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com