Electronic Components Datasheet Search
  English  ▼

X  

LMH6643MA Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6643MA
Description  LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6643MA Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMH6643MA Datasheet HTML 4Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 5Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 6Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 9Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 10Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 11Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
10k
100k
1M
10M
100M 500M
-4
-2
0
FREQUENCY (Hz)
VS = ±5V
RL = 2k
AV = +1
VOUT = 0.2VPP
-40°C
85°C
25°C
100k
1M
10M
200M
FREQUENCY (Hz)
6.5
6.0
AV = +2
RF = 2k
RL = 150
VO = 0.2VPP
±1.5V
5.5
7.0
5.0
±2.5V
±5V
AV = +1
AV = +5
AV = +10
AV = +2
10k
100k
1M
10M
100M 500M
-3
-2
-1
0
+1
+2
+3
FREQUENCY (Hz)
VS = ±1.5V
RL = 2k
VOUT = 0.2VPP
10k
100k
1M
10M
100M 500M
-6
-4
-2
0
FREQUENCY (Hz)
-40°C
25°C
85°C
VS = ±1.5V
RL = 2k
AV = +1
VO = 0.2VPP
10k
100k
1M
10M
100M
500
M
-3
-2
-1
0
+1
+2
+3
FREQUENCY (Hz)
VS = ±5V
RL = 2k
VOUT = 0.2VPP
AV = +5
AV = +1
AV = +2
AV = +10
100k
1M
10M
200M
FREQUENCY (Hz)
-2
-1
0
-3
VS = ±2.5V
VS = ±5V
VS = ±1.5V
VS = ±1.5V
VS = ±2.5V
VS = ±5V
AV = +1
RL = 2k
VOUT = 0.2VPP
LMH6642, LMH6643, LMH6644
SNOS966P – MAY 2001 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
At TJ = 25°C, V
+ = +5, V− = −5V, R
F = RL = 2kΩ. Unless otherwise specified.
Closed Loop Frequency Response for Various Supplies
Closed Loop Gain vs. Frequency for Various Gain
Figure 7.
Figure 8.
Closed Loop Gain vs. Frequency for Various Gain
Closed Loop Frequency Response for Various Temperature
Figure 9.
Figure 10.
Closed Loop Gain
vs.
Frequency for Various Supplies
Closed Loop Frequency Response for Various Temperature
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LMH6642 LMH6643 LMH6644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com