Electronic Components Datasheet Search
  English  ▼

X  

LMH6643MA Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6643MA
Description  LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6643MA Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMH6643MA Datasheet HTML 6Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 9Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 10Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 11Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 12Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 13Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
0
1
2
3
4
5
-30
-35
-40
-45
-50
-55
-60
-65
-70
-75
-80
VOUT (VPP)
VS = 5V
AV = -1
RL = 2k to VS/2
5MHz
10MHz
0.0
1.0
2.0
3.0
4.0
5.0
-20
-30
-40
-50
-60
-70
-80
-90
VOUT (VPP)
VS = 5V, AV = +2
RL = 2k: & 100: to VS/2
100:,1MHz
100: 5MHz
2k:, 5MHz
2k:, 10MHz
100:, 10MHz
0
1
2
3
4
5
-30
-35
-40
-45
-50
-55
-60
-65
-70
-75
-80
VOUT (VPP)
5MHz
10MHz
VS = 5V
AV = -1
RL = 2k to VS/2
10k
100k
1M
10M
150M
FREQUENCY (Hz)
-20
0
20
40
60
80
40
20
0
60
VS = ±5V
RL = 2k
-40°C
85°C
25°C
GAIN
PHASE
100k
1M
10M
100M
FREQUENCY (Hz)
0
4
7
10
VS = ±5V
AV = -1
RL = 100:
8
9
6
5
3
2
1
RL =
2K
FREQUENCY (Hz)
10k
100k
1M
10M
150M
-20
0
20
40
60
80
40
20
0
60
VS = ±1.5V
RL= 2k
-40°C
85°C
25°C
PHASE
GAIN
LMH6642, LMH6643, LMH6644
SNOS966P – MAY 2001 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
At TJ = 25°C, V
+ = +5, V− = −5V, R
F = RL = 2kΩ. Unless otherwise specified.
VOUT (VPP) for THD < 0.5%
Open Loop Gain/Phase for Various Temperature
Figure 19.
Figure 20.
Open Loop Gain/Phase for Various Temperature
HD2 (dBc) vs. Output Swing
Figure 21.
Figure 22.
HD3 (dBc) vs. Output Swing
HD2 vs. Output Swing
Figure 23.
Figure 24.
10
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LMH6642 LMH6643 LMH6644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com