Electronic Components Datasheet Search
  English  ▼

X  

LMH6643MA Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6643MA
Description  LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6643MA Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMH6643MA Datasheet HTML 9Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 10Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 11Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 12Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 13Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 14Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 15Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 16Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
0
1
2
3
4
5
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
VOUT (V)
VS = 5V
RL = 150: to V
+/2
-40°C
25°C
85°C
-2
0
2
4
6
8
10
VCM (V)
-2
-1.5
-1
-0.5
0
0.5
1.0
1.5
2
-40°C
25°C
85°C
VS = 10V
1k
10k
100k
1M
10M
FREQUENCY (Hz)
30
40
50
60
70
80
90
100
Receive CH.: AV = +2, Rf = Rg = 510
30
40
50
60
70
100
100
1k
10k
100k
1M
FREQUENCY (Hz)
80
90
10M
VS = 5V
AV = +6
1k
100k
10M
FREQUENCY (Hz)
0.01
1
1000
100M
1M
10k
100
10
0.1
AV = +1
10k
100k
1M
10M
100M
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
90
+ PSRR
- PSRR
VS = 5V
AV = +10
LMH6642, LMH6643, LMH6644
www.ti.com
SNOS966P – MAY 2001 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
At TJ = 25°C, V
+ = +5, V− = −5V, R
F = RL = 2kΩ. Unless otherwise specified.
Closed Loop Output Impedance vs. Frequency AV = +1
PSRR vs. Frequency
Figure 37.
Figure 38.
CMRR vs. Frequency
Crosstalk Rejection vs. Frequency (Output to Output)
Figure 39.
Figure 40.
VOS vs. VOUT (Typical Unit)
VOS vs. VCM (Typical Unit)
Figure 41.
Figure 42.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH6642 LMH6643 LMH6644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com