Electronic Components Datasheet Search
  English  ▼

X  

LMH6643MA Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6643MA
Description  LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6643MA Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6643MA Datasheet HTML 1Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 2Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 3Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 4Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 5Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 6Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
LMH6642, LMH6643, LMH6644
www.ti.com
SNOS966P – MAY 2001 – REVISED MARCH 2013
LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
Check for Samples: LMH6642, LMH6643, LMH6644
1
FEATURES
DESCRIPTION
The LMH664X family true single supply voltage
2
(VS = ±5V, TA = 25°C, RL = 2kΩ, AV = +1. Typical
feedback amplifiers offer high speed (130MHz), low
Values Unless Specified).
distortion (
−62dBc), and exceptionally high output
•
−3dB BW (AV = +1) 130MHz
current (approximately 75mA) at low cost and with
•
Supply Voltage Range 2.7V to 12.8V
reduced power consumption when compared against
existing devices with similar performance.
•
Slew Rate (1), (AV = −1) 130V/µs
Input common mode voltage range extends to 0.5V
•
Supply Current (no load) 2.7mA/amp
below V− and 1V from V+. Output voltage range
•
Output Short Circuit Current +115mA/
−145mA
extends to within 40mV of either supply rail, allowing
•
Linear Output Current ±75mA
wide dynamic range especially desirable in low
•
Input Common Mode Volt. 0.5V Beyond V−, 1V
voltage applications. The output stage is capable of
approximately 75mA in order to drive heavy loads.
from V+
Fast output Slew Rate (130V/µs) ensures large peak-
•
Output Voltage Swing 40mV from Rails
to-peak output swings can be maintained even at
•
Input Voltage Noise (100kHz) 17nV/
√Hz
higher speeds, resulting in exceptional full power
•
Input Current Noise (100kHz) 0.9pA/
√Hz
bandwidth of 40MHz with a 3V supply. These
characteristics, along with low cost, are ideal features
•
THD (5MHz, RL = 2kΩ, VO = 2VPP, AV = +2)
for
a
multitude
of
industrial
and
commercial
−62dBc
applications.
•
Settling Time 68ns
Careful attention has been paid to ensure device
•
Fully Characterized for 3V, 5V, and ±5V
stability under all operating voltages and modes. The
•
Overdrive Recovery 100ns
result is a very well behaved frequency response
characteristic (0.1dB gain flatness up the 12MHz
•
Output Short Circuit Protected (2)
under 150
Ω load and AV = +2) with minimal peaking
•
No Output Phase Reversal with CMVR
(typically 2dB maximum) for any gain setting and
Exceeded
under both heavy and light loads. This along with fast
settling time (68ns) and low distortion allows the
APPLICATIONS
device to operate well in ADC buffer, and high
frequency
filter
applications
as
well
as
other
•
Active Filters
applications.
•
CD/DVD ROM
This device family offers professional quality video
•
ADC Buffer Amp
performance with low DG (0.01%) and DP (0.01°)
•
Portable Video
characteristics.
Differential
Gain
and
Differential
•
Current Sense Buffer
Phase characteristics are also well maintained under
heavy loads (150
Ω) and throughout the output
(1)
Slew rate is the average of the rising and falling slew rates.
voltage range. The LMH664X family is offered in
(2)
Output short circuit duration is infinite for VS < 6V at room
single
(LMH6642),
dual
(LMH6643),
and
quad
temperature and below. For VS > 6V, allowable short circuit
duration is 1.5ms.
(LMH6644) options.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH6643MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6643MA NSC-LMH6643MA Datasheet
955Kb / 22P
3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6643MA TI-LMH6643MA Datasheet
1Mb / 32P
LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6643MA TI-LMH6643MA Datasheet
1Mb / 32P
LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6643MA TI-LMH6643MA Datasheet
1Mb / 32P
LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6643MA NSC-LMH6643MA Datasheet
1Mb / 33P
Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
More results

Similar Description - LMH6643MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6642 NSC-LMH6642 Datasheet
955Kb / 22P
3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642EP NSC-LMH6642EP Datasheet
960Kb / 21P
Enhanced Plastic Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642Q TI1-LMH6642Q Datasheet
590Kb / 21P
Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6643MA TI-LMH6643MA Datasheet
1Mb / 32P
LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642MFX TI-LMH6642MFX Datasheet
1Mb / 32P
LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644MAX TI-LMH6644MAX Datasheet
1Mb / 32P
LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642Q NSC-LMH6642Q Datasheet
1Mb / 29P
Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642MF NSC-LMH6642MF Datasheet
1Mb / 33P
Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642 TI1-LMH6642 Datasheet
1Mb / 33P
Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com