Electronic Components Datasheet Search
  English  ▼

X  

LMV321M7 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV321M7
Description  Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV321M7 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV321M7 Datasheet HTML 1Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 2Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 3Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 4Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 5Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 6Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 7Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 8Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N, LMV358-N-Q1
LMV324-N, LMV324-N-Q1
SNOS012I – AUGUST 2000 – REVISED FEBRUARY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance (3)
Human Body Model
LMV358-N/LMV324-N
2000V
LMV321-N
900V
Machine Model
100V
Differential Input Voltage
±Supply Voltage
Input Voltage
−0.3V to +Supply Voltage
Supply Voltage (V+–V −)
5.5V
Output Short Circuit to V +
(4)
Output Short Circuit to V −
(5)
Soldering Information
Infrared or Convection (30 sec)
260°C
Storage Temp. Range
−65°C to 150°C
Junction Temperature (6)
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office / Distributors for
availability and specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC
(4)
Shorting output to V+ will adversely affect reliability.
(5)
Shorting output to V-will adversely affect reliability.
(6)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
Operating Ratings
(1)
Supply Voltage
2.7V to 5.5V
Temperature Range (2)
LMV321-N/LMV358-N/LMV324-N
−40°C to +125°C
Thermal Resistance (
θ JA)
(3)
5-pin SC70
478°C/W
5-pin SOT23
265°C/W
8-Pin SOIC
190°C/W
8-Pin MSOP
235°C/W
14-Pin SOIC
145°C/W
14-Pin TSSOP
155°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
(3)
All numbers are typical, and apply for packages soldered directly onto a PC board in still air.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com