Electronic Components Datasheet Search
  English  ▼

X  

LMV321M7 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV321M7
Description  Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV321M7 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button LMV321M7 Datasheet HTML 23Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 24Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 25Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 26Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 27Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 28Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 29Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 30Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N, LMV358-N-Q1
LMV324-N, LMV324-N-Q1
www.ti.com
SNOS012I – AUGUST 2000 – REVISED FEBRUARY 2013
High Compliance Current Sink
A current sink circuit is shown in Figure 69. The circuit requires only one resistor (RE) and supplies an output
current which is directly proportional to this resistor value.
Figure 69. High Compliance Current Sink
POWER AMPLIFIER
A power amplifier is illustrated in Figure 70. This circuit can provide a higher output current because a transistor
follower is added to the output of the op amp.
Figure 70. Power Amplifier
LED DRIVER
The LMV321-N/LMV358-N/LMV324-N can be used to drive an LED as shown in Figure 71.
Figure 71. LED Driver
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com