Electronic Components Datasheet Search
  English  ▼

X  

LMV321M7 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV321M7
Description  Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV321M7 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LMV321M7 Datasheet HTML 17Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 18Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 19Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 20Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 21Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 22Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 23Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 24Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N, LMV358-N-Q1
LMV324-N, LMV324-N-Q1
www.ti.com
SNOS012I – AUGUST 2000 – REVISED FEBRUARY 2013
From Equation 2 and Equation 9, we obtain
(10)
(11)
The values of C1 and C2 are normally close to or equal to
(12)
As a design example:
Require: ALP = 2, Q = 1, fc = 1 kHz
Start by selecting C1 and C2. Choose a standard value that is close to
(13)
(14)
From Equation 7 Equation 8 Equation 10 Equation 11,
R1= 1Ω
(15)
R2= 1Ω
(16)
R3= 4Ω
(17)
R4= 4Ω
(18)
The above resistor values are normalized values with
ωn = 1 rad/s and C1 = C2 = Cn = 1F. To scale the
normalized cutoff frequency and resistances to the real values, two scaling factors are introduced, frequency
scaling factor (kf) and impedance scaling factor (km).
(19)
Scaled values:
R2 = R1 = 15.9 kΩ
(20)
R3 = R4 = 63.6 kΩ
(21)
C1 = C2 = 0.01 µF
(22)
An adjustment to the scaling may be made in order to have realistic values for resistors and capacitors. The
actual value used for each component is shown in the circuit.
2nd-Order High Pass Filter
A 2nd-order high pass filter can be built by simply interchanging those frequency selective components (R1, R2,
C1, C2) in the Sallen-Key 2nd-order active low pass filter. As shown in Figure 62, resistors become capacitors,
and capacitors become resistors. The resulted high pass filter has the same corner frequency and the same
maximum gain as the previous 2nd-order low pass filter if the same components are chosen.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com