Electronic Components Datasheet Search
  English  ▼

X  

LMV321M7 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV321M7
Description  Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV321M7 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV321M7 Datasheet HTML 1Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 2Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 3Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 4Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 5Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 6Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 7Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 8Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N, LMV358-N-Q1
LMV324-N, LMV324-N-Q1
SNOS012I – AUGUST 2000 – REVISED FEBRUARY 2013
www.ti.com
5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T J = 25°C, V
+ = 5V, V− = 0V, V
CM = 2.0V, VO = V
+/2 and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(1)
(2)
(1)
VOS
Input Offset Voltage
1.7
7
mV
9
TCVOS
Input Offset Voltage Average Drift
5
µV/°C
IB
Input Bias Current
15
250
nA
500
IOS
Input Offset Current
5
50
nA
150
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 4V
50
65
dB
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V
50
60
dB
VO = 1V, VCM = 1V
VCM
Input Common-Mode Voltage Range
For CMRR
≥ 50 dB
0
−0.2
V
4.2
4
V
AV
Large Signal Voltage Gain
RL = 2 kΩ
15
100
V/mV
(3)
10
VO
Output Swing
RL = 2 kΩ to 2.5V
V+
− 300
V+
−40
V+
− 400
mV
RL = 2 kΩ to 2.5V
120
300
400
RL = 10 kΩ to 2.5V
V+
− 100
V+
− 10
V+
− 200
mV
RL = 2 kΩ to 2.5V, 125°C
65
180
280
IO
Output Short Circuit Current
Sourcing, VO = 0V
5
60
mA
Sinking, VO = 5V
10
160
IS
Supply Current
LMV321-N
130
250
350
LMV358-N (both amps)
210
440
µA
615
LMV324-N (all four amps)
410
830
1160
(1)
All limits are guaranteed by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
(3)
RL is connected to V
-. The output voltage is 0.5V ≤ V
O ≤ 4.5V.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com