Electronic Components Datasheet Search
  English  ▼

X  

LMV321M7 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV321M7
Description  Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV321M7 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMV321M7 Datasheet HTML 12Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 13Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 14Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 15Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 16Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 17Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 18Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 19Page - National Semiconductor (TI) LMV321M7 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N, LMV358-N-Q1
LMV324-N, LMV324-N-Q1
SNOS012I – AUGUST 2000 – REVISED FEBRUARY 2013
www.ti.com
Figure 53. Indirectly Driving A Capacitive Load with DC Accuracy
INPUT BIAS CURRENT CANCELLATION
The LMV321-N/LMV358-N/LMV324-N family has a bipolar input stage. The typical input bias current of LMV321-
N/LMV358-N/LMV324-N is 15 nA with 5V supply. Thus a 100 k
Ω input resistor will cause 1.5 mV of error voltage.
By balancing the resistor values at both inverting and non-inverting inputs, the error caused by the amplifier's
input bias current will be reduced. The circuit in Figure 54 shows how to cancel the error caused by input bias
current.
Figure 54. Cancelling the Error Caused by Input Bias Current
TYPICAL SINGLE-SUPPLY APPLICATION CIRCUITS
Difference Amplifier
The difference amplifier allows the subtraction of two voltages or, as a special case, the cancellation of a signal
common to two inputs. It is useful as a computational amplifier, in making a differential to single-ended
conversion or in rejecting a common mode signal.
16
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com