Electronic Components Datasheet Search
  English  ▼

X  

CS51312 Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

Part # CS51312
Description  Synchronous CPU Buck Controller for 12V Only Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51312 Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

Back Button CS51312 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 10Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Application Information
V2
TM Control Method
The V2
TM method of control uses a ramp signal that is gen-
erated by the ESR of the output capacitors. This ramp is
proportional to the AC current through the main inductor
and is offset by the value of the DC output voltage. This
control scheme inherently compensates for variation in
either line or load conditions, since the ramp signal is gen-
erated from the output voltage itself. This control scheme
differs from traditional techniques such as voltage mode,
which generates an artificial ramp, and current mode,
which generates a ramp from inductor current.
The V2
TM control method is illustrated in Figure 6. The out-
put voltage is used to generate both the error signal and
the ramp signal. Since the ramp signal is simply the output
voltage, it is affected by any change in the output regard-
less of the origin of that change. The ramp signal also con-
tains the DC portion of the output voltage, which allows
the control circuit to drive the main switch to 0% or 100%
duty cycle as required.
Figure 6: V2
TM Control Diagram
Reference
Voltage
C
–
E
+
–
Ramp Signal
Output
Voltage
Feedback
Error
Signal
GATE(H)
GATE(L)
Error
Amplifier
COMP
PWM
Comparator
VFB
Theory Of Operation
Typical Performance Characteristics
150
125
100
75
50
25
0
0
2000
4000
6000
8000
10000
12000
14000
16000
Load Capacitance (pF)
VCC = 12V
TA = 25°C
Figure 4: Percent Output Error vs. DAC Output
Voltage Setting, VID4 = 0.
Figure 1: Gate(H) and Gate(L) Falltime vs. Load Capacitance.
Figure 2: Gate(H) and Gate(L) Risetime vs. Load Capacitance.
Figure 3: DAC Output Voltage vs. Temperature,
DAC Code = 00001.
0.10
0.05
0
−0.05
−0.10
−0.15
−0.20
1.325 1.375 1.425 1.475 1.525 1.575 1.625 1.675 1.725 1.775 1.825 1.875 1.925 1.975 2.025 2.075
DAC Output Voltage Setting (V)
VCC = 12V
TA = 25°C
VID4 = 0
Figure 5: Percent Output Error vs. DAC Output
Voltage Setting, VID4 = 1.
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
−0.05
−0.10
−0.15
−0.20
−0.25
2.125 2.225 2.325 2.425 2.525 2.625 2.725 2.825 2.925 3.025 3.125 3.225 3.335 3.425 3.525
DAC Output Voltage Setting (V)
VCC = 12V
TA = 25°C
VID4 = 1
150
125
100
75
50
25
0
0
2000
4000
6000
8000
10000
12000
14000
16000
Load Capacitance (pF)
VCC = 12V
TA = 25°C
0.10
0.05
0
−0.05
−0.10
−0.15
0
20
40
60
80
100
120
Junction Temperature (°C)
VCC = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com