Electronic Components Datasheet Search
  English  ▼

X  

CS51312 Datasheet(PDF) 17 Page - Cherry Semiconductor Corporation

Part # CS51312
Description  Synchronous CPU Buck Controller for 12V Only Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51312 Datasheet(HTML) 17 Page - Cherry Semiconductor Corporation

Back Button CS51312 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 14Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 15Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 16Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 17Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 18Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Application Information: continued
17
Additional Application Circuit
5V/12V to 2V/19A Converter
filter and bypass capacitors, as well as other loads located
on the board will tend to reduce regulator di/dt effects on
the circuit board and input power supply. Placement of the
power component to minimize routing distance will also
help to reduce emissions.
Layout Guidelines
When laying out the CPU buck regulator on a printed cir-
cuit board, the following checklist should be used to
ensure proper operation of the CS51312.
1) Rapid changes in voltage across parasitic capacitors and
abrupt changes in current in parasitic inductors are major
concerns for a good layout.
2) Keep high currents out of sensitive ground connections.
3) Avoid ground loops as they pick up noise. Use star or
single point grounding.
4) For high power buck regulators on double-sided PCBs a
single ground plane (usually the bottom) is recommended.
5) Even though double sided PCBs are usually sufficient
for a good layout, four-layer PCBs are the optimum
approach to reducing susceptibility to noise. Use the two
internal layers as the power and Gnd planes, the top layer
for power connections and components vias, and the bot-
tom layers for the noise sensitive traces.
6) Keep the inductor switching node small by placing the
output inductor, switching and synchronous FETs close
together.
7) The MOSFET gate traces to the IC must be as short,
straight, and wide as possible.
8) Use fewer, but larger output capacitors, keep the capaci-
tors clustered, and use multiple layer traces with heavy
copper to keep the parasitic resistance low.
9) Place the switching MOSFET as close to the +5V input
capacitors as possible.
10) Place the output capacitors as close to the load as possi-
ble.
11) Place the VFB,VOUT filter resistors (510Ω) in series with
the VFB and VOUT pins as close as possible to the pins.
12) Place the COFF and COMP capacitors as close as possi-
ble to the COFF and COMP pins.
13) Place the current limit filter capacitor between the VFB
and VOUT pins, as close as possible to the pins.
14) Connect the filter components of the following pins:
VFB, VOUT, COFF, and COMP to the Gnd pin with a single
trace, and connect this local Gnd trace to the output capaci-
tor Gnd.
15) The “Droop” Resistor (embedded PCB trace) has to be
wide enough to carry the full load current.
16) Place the VCC bypass capacitors as close as possible to
the IC.
680pF
GATE(H)
GATE(L)
VFB
VOUT
10K
1200µF/10V
x3
3.3mΩ
1.2µH
FS70VSJ-03
FS70VSJ-03
510Ω
0.1µF
510Ω
1200µF/10V
x5
VCC(CORE)
2.0V@19A
+5V
+12V
VID0
VID1
VID2
VID3
VID4
OVP
1µF
PWRGD
COFF
Gnd
VCC1
COMP
VCC2
OVP
PWRGD
0.01
µF
0.1
µF
100Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com