Electronic Components Datasheet Search
  English  ▼

X  

CS51312 Datasheet(PDF) 12 Page - Cherry Semiconductor Corporation

Part # CS51312
Description  Synchronous CPU Buck Controller for 12V Only Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51312 Datasheet(HTML) 12 Page - Cherry Semiconductor Corporation

Back Button CS51312 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 14Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 15Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 16Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
Application Information: continued
where
∆IL = inductor ripple current;
VOUT = output voltage;
TOFF = switch Off-Time;
L = inductor value.
The designer can now verify if the number of output
capacitors from step 2 will provide an acceptable output
voltage ripple (1% of output voltage is common). The for-
mula below is used:
∆IL =
,
Rearranging we have:
ESRMAX =
,
where
ESRMAX = maximum allowable ESR;
∆VOUT = 1% × VOUT = maximum allowable output volt-
age ripple ( budgeted by the designer );
∆IL = inductor ripple current;
VOUT = output voltage.
The number of output capacitors is determined by:
Number of capacitors =
,
where ESRCAP = maximum ESR per capacitor (specified in
manufacturer’s data sheet).
The designer must also verify that the inductor value
yields reasonable inductor peak and valley currents (the
inductor current is a triangular waveform):
IL(PEAK) = IOUT +
,
where
IL(PEAK) = inductor peak current;
IOUT = load current;
∆IL = inductor ripple current.
IL(VALLEY) = IOUT −
,
where IL(VALLEY) = inductor valley current.
Step 5: Selection of the Input Capacitors
These components must be selected and placed carefully to
yield optimal results. Capacitors should be chosen to pro-
vide acceptable ripple on the input supply lines. A key
specification for input capacitors is their ripple current rat-
ing. The input capacitor should also be able to handle the
input RMS current IIN(RMS).
The combination of the input capacitors CIN discharges
during the on-time.
The input capacitor discharge current is given by:
ICINDIS(RMS) =
,
where
ICINDIS(RMS) = input capacitor discharge current;
IL(PEAK) = inductor peak current;
IL(VALLEY) = inductor valley current.
CIN charges during the off-time, the average current
through the capacitor over one switching cycle is zero:
ICIN(CH) = ICIN(DIS) ×
,
where
ICIN(CH) = input capacitor charge current;
ICIN(DIS) = input capacitor discharge current;
D = Duty Cycle.
The total Input RMS current is:
ICIN(RMS) = (ICIN(DIS)2 × D) + (ICIN(CH)2 × (1 − D))
The number of input capacitors required is then deter-
mined by:
NCIN =
,
where
NCIN = number of input capacitors;
ICIN(RMS) = total input RMS current;
IRIPPLE = input capacitor ripple current rating (specified
in manufacturer’s data sheets).
The total input capacitor ESR needs to be determined in
order to calculate the power dissipation of the input capac-
itors:
ESRCIN =
,
where
ESRCIN = total input capacitor ESR;
ESRCAP = maximum ESR per capacitor (specified in
manufacturer’s data sheets);
NCIN = number of input capacitors.
Once the total ESR of the input capacitors is known, the
input capacitor ripple voltage can be determined using the
formula:
VCIN(RMS) = ICIN(RMS) × ESRCIN,
where
VCIN(RMS) = input capacitor RMS voltage;
ICIN(RMS) = total input RMS current;
ESRCIN = total input capacitor ESR.
The designer must determine the input capacitor power
loss in order to ensure there isn’t excessive power dissipa-
tion through these components. The following formula is
used:
PCIN(RMS) = ICIN(RMS)2 × ESRCIN
ESRCAP
NCIN
ICIN(RMS)
IRIPPLE
D
1 − D
(IL(PEAK)2 + (IL(PEAK) × IL(VALLEY)) + IL(VALLEY)2 × D
3
∆IL
2
∆IL
2
ESRCAP
ESRMAX
∆VOUT
∆IL
∆VOUT
ESRMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com