Electronic Components Datasheet Search
  English  ▼

X  

CS51312 Datasheet(PDF) 18 Page - Cherry Semiconductor Corporation

Part # CS51312
Description  Synchronous CPU Buck Controller for 12V Only Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51312 Datasheet(HTML) 18 Page - Cherry Semiconductor Corporation

Back Button CS51312 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 14Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 15Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 16Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 17Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 18Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
Ordering Information
Part Number
Description
CS51312GD16
16L SO Narrow
CS51312GDR16
16L SO Narrow (tape & reel)
© 1999 Cherry Semiconductor Corporation
Rev. 3/11/99
18
Thermal Data
16L
SO Narrow
RΘJC
typ
28
˚C/W
RΘJA
typ
115
˚C/W
D
Lead Count
Metric
English
Max
Min
Max
Min
16L SO Narrow
10.00
9.80
.394
.386
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES)
PACKAGE THERMAL DATA
Cherry Semiconductor Corporation reserves the right to
make changes to the specifications without notice. Please
contact Cherry Semiconductor Corporation for the latest
available information.
Surface Mount Narrow Body (D); 150 mil wide
1.27 (.050) BSC
0.51 (.020)
0.33 (.013)
6.20 (.244)
5.80 (.228)
4.00 (.157)
3.80 (.150)
1.57 (.062)
1.37 (.054)
D
0.25 (0.10)
0.10 (.004)
1.75 (.069) MAX
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-012
0.25 (.010)
0.19 (.008)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com