Electronic Components Datasheet Search
  English  ▼

X  

CS4297A Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4297A
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297A Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4297A Datasheet HTML 10Page - Cirrus Logic CS4297A Datasheet HTML 11Page - Cirrus Logic CS4297A Datasheet HTML 12Page - Cirrus Logic CS4297A Datasheet HTML 13Page - Cirrus Logic CS4297A Datasheet HTML 14Page - Cirrus Logic CS4297A Datasheet HTML 15Page - Cirrus Logic CS4297A Datasheet HTML 16Page - Cirrus Logic CS4297A Datasheet HTML 17Page - Cirrus Logic CS4297A Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
CS4297A
14
3.1
AC-Link Serial Data Output Frame
In the serial data output frame, data is passed on the SDATA_OUT pin to the CS4297A from the AC ’97
controller. Figure 9 illustrates the serial port timing.
The PCM playback data being passed to the CS4297A is shifted out MSB first in the most significant bits
of each slot. Any PCM data from the AC ’97 controller that is not 20 bits wide should be left justified in
its corresponding slot and dithered or zero-padded in the unused bit positions.
Bits that are reserved should always be ‘cleared’ by the AC ’97 controller.
3.1.1
Serial Data Output Slot Tags (Slot 0)
Valid Frame
The Valid Frame bit determines if any of the following slots contain either valid playback data
for the CS4297A DACs or data for read/write operations. When ‘set’, at least one of the other
AC-link slots contain valid data. If this bit is ‘clear’, the remainder of the frame is ignored.
Slot [1:2] Valid
The Slot [1:2] Valid bits indicate the validity of data in their corresponding serial data output
slots. If a bit is ‘set’, the corresponding output slot contains valid data. If a bit is ‘cleared’, the
corresponding slot will be ignored.
Slot [3:10] Valid
The Slot [3:10] Valid bits indicate Slot [3:10] contains valid playback data for the CS4297A. If a
Slot Valid bit is ‘set’, the named slot contains valid audio data. If the bit is ‘clear’, the slot will be
ignored. The CS4297A supports alternate slot mapping as defined in the AC ’97 2.1 specifica-
tion. For more information, see the AC Mode Control Register (Index 5Eh).
Codec ID[1:0]
The Codec ID[1:0] bits display the Codec ID of the audio codec being accessed during the cur-
rent AC-link frame. Codec ID[1:0] = 00 indicates the primary codec is being accessed. Codec
ID[1:0] = 01, 10, or 11 indicates one of three possible secondary codecs is being accessed. A
non-zero value of one or more of the Codec ID bits indicates a valid Read or Write Address in
Slot 1, and the Slot 1 R/W bit indicates presence or absence of valid Data in Slot 2.
Bit 15
14
13
12
11
10
9
8
7
6
543210
Valid
Frame
Slot 1
Valid
Slot 2
Valid
Slot 3
Valid
Slot 4
Valid
Slot 5
Valid
Slot 6
Valid
Slot 7
Valid
Slot 8
Valid
Slot 9
Valid
Slot 10
Valid
Reserved
Codec
ID1
Codec
ID0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com