Electronic Components Datasheet Search
  English  ▼

X  

CS4297A Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS4297A
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297A Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS4297A Datasheet HTML 13Page - Cirrus Logic CS4297A Datasheet HTML 14Page - Cirrus Logic CS4297A Datasheet HTML 15Page - Cirrus Logic CS4297A Datasheet HTML 16Page - Cirrus Logic CS4297A Datasheet HTML 17Page - Cirrus Logic CS4297A Datasheet HTML 18Page - Cirrus Logic CS4297A Datasheet HTML 19Page - Cirrus Logic CS4297A Datasheet HTML 20Page - Cirrus Logic CS4297A Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
CS4297A
17
3.2.3
Status Data Port (Slot 2)
RD[15:0]
Read Data. The RD[15:0] bits contain the register data requested by the controller from the
previous read request. All read requests will return the read address in the input Slot 1 and
the register data in the input Slot 2 on the following serial data frame.
3.2.4
PCM Capture Data (Slot 3-10)
CD[17:0]
Capture Data. The D[17:0] bits contain 18-bit PCM (2’s complement) capture data. The map-
ping of a given slot to an ADC is determined by the state of the ID[1:0] bits in the Extended
Audio ID Register (Index 28h) and the SM[1:0] and AMAP bits in the AC Mode Control Reg-
ister (Index 5Eh). The definition of each slot can be found in Table 7 on page 29.
Bit 19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RD15 RD14 RD13 RD12 RD11 RD10 RD9 RD8 RD7 RD6 RD5 RD4 RD3 RD2 RD1 RD0
Reserved
Bit 19
18
17
16
15
14
13
12
11
10
987
6543
210
CD17 CD16 CD15 CD14 CD13 CD12 CD11 CD10 CD9 CD8 CD7 CD6 CD5 CD4 CD3 CD2 CD1 CD0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com