Electronic Components Datasheet Search
  English  ▼

X  

CS4297A Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS4297A
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297A Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS4297A Datasheet HTML 15Page - Cirrus Logic CS4297A Datasheet HTML 16Page - Cirrus Logic CS4297A Datasheet HTML 17Page - Cirrus Logic CS4297A Datasheet HTML 18Page - Cirrus Logic CS4297A Datasheet HTML 19Page - Cirrus Logic CS4297A Datasheet HTML 20Page - Cirrus Logic CS4297A Datasheet HTML 21Page - Cirrus Logic CS4297A Datasheet HTML 22Page - Cirrus Logic CS4297A Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
CS4297A
19
4. REGISTER INTERFACE
Reg
Register Name
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0 Default
00h
Reset
0
SE4 SE3 SE2 SE1 SE0
0
ID8
ID7
0
0
ID4
0
0
0
0
1990h
02h
Master Volume
Mute
0
ML5 ML4 ML3 ML2
ML1 ML0
0
0
MR5 MR4 MR3 MR2
MR1
MR0
8000h
04h
Alternate Volume
Mute
0
ML5 ML4 ML3 ML2
ML1 ML0
0
0
MR5 MR4 MR3 MR2
MR1
MR0
8000h
06h
Mono Volume
Mute
0000
0000
0
MM5 MM4 MM3 MM2 MM1 MM0
8000h
0Ah PC_BEEP Volume
Mute
0000
0000
0
0
PV3
PV2
PV1
PV0
0
0000h
0Ch Phone Volume
Mute
0000
0000
0
0
GN4 GN3
GN2
GN1
GN0
8008h
0Eh Mic Volume
Mute
0000
0000
20dB
0
GN4 GN3
GN2
GN1
GN0
8008h
10h
Line In Volume
Mute
0
0
GL4 GL3 GL2
GL1
GL0
0
0
0
GR4 GR3
GR2
GR1
GR0
8808h
12h
CD Volume
Mute
0
0
GL4 GL3 GL2
GL1
GL0
0
0
0
GR4 GR3
GR2
GR1
GR0
8808h
14h
Video Volume
Mute
0
0
GL4 GL3 GL2
GL1
GL0
0
0
0
GR4 GR3
GR2
GR1
GR0
8808h
16h
Aux Volume
Mute
0
0
GL4 GL3 GL2
GL1
GL0
0
0
0
GR4 GR3
GR2
GR1
GR0
8808h
18h
PCM Out Volume
Mute
0
0
GL4 GL3 GL2
GL1
GL0
0
0
0
GR4 GR3
GR2
GR1
GR0
8808h
1Ah Record Select
0
0000
SL2
SL1
SL0
0
0
0
0
0
SR2
SR1
SR0
0000h
1Ch Record Gain
Mute
0
0
0
GL3 GL2
GL1
GL0
0
0
0
0
GR3
GR2
GR1
GR0
8000h
20h
General Purpose
0
0
3D
0
0
0
MIX
MS
LPBK
0
0
0
0
0
0
0
0000h
22h
3D Control
0
0000
0000
0
0
0
S3
S2
S1
S0
0000h
26h
Powerdown Ctrl/Stat
EAPD
PR6 PR5 PR4 PR3 PR2
PR1 PR0
0
0
0
0
REF
ANL
DAC
ADC
000Fh
28h
Extended Audio ID
ID1
ID0
0000
AMAP
0
0
0
0
0
0
0
0
VRA
0201h
2Ch PCM Front DAC Rate
SR15 SR14 SR13 SR12 SR11 SR10
SR9 SR8 SR7 SR6 SR5 SR4 SR3
SR2
SR1
SR0
BB80h
32h
PCM L/R ADC Rate
SR15 SR14 SR13 SR12 SR11 SR10
SR9 SR8 SR7 SR6 SR5 SR4 SR3
SR2
SR1
SR0
BB80h
Cirrus Logic Defined Registers:
5E
AC Mode Control
0
00000
0
DDM AMAP
0
SM1 SM0
0
0
0
0
0080h
60
Misc. Crystal Control
0
0
0
0
Reserved
0
0
Reserved
0
Reserved
LOSM
0023h
68
S/PDIF Control
SPEN
Val
0
Fs
L
CC6 CC5 CC4 CC3 CC2 CC1 CC0 Emph Copy /Audio
Pro
0000h
7Ch Vendor ID1(CR)
F7
F6
F5
F4
F3
F4
F1
F0
S7
S6
S5
S4
S3
S2
S1
S0
4352h
7Eh Vendor ID2(Y-)
T7
T6
T5
T4
T3
T2
T1
T0
0
DID2 DID1 DID0
0
REV2
REV1 REV0
5931h
Table 1. Mixer Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com