Electronic Components Datasheet Search
  English  ▼

X  

CS4297A Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS4297A
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297A Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS4297A Datasheet HTML 14Page - Cirrus Logic CS4297A Datasheet HTML 15Page - Cirrus Logic CS4297A Datasheet HTML 16Page - Cirrus Logic CS4297A Datasheet HTML 17Page - Cirrus Logic CS4297A Datasheet HTML 18Page - Cirrus Logic CS4297A Datasheet HTML 19Page - Cirrus Logic CS4297A Datasheet HTML 20Page - Cirrus Logic CS4297A Datasheet HTML 21Page - Cirrus Logic CS4297A Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
CS4297A
18
3.3
AC-Link Protocol Violation - Loss of
SYNC
The CS4297A is designed to handle SYNC proto-
col violations. The following are situations where
the SYNC protocol has been violated:
•
The SYNC signal is not sampled high for exact-
ly 16 BIT_CLK clock cycles at the start of an
audio frame.
•
The SYNC signal is not sampled high on the
256th BIT_CLK clock period after the previous
SYNC assertion.
•
The SYNC signal goes active high before the
256th BIT_CLK clock period after the previous
SYNC assertion.
Upon loss of synchronization with the controller,
the CS4297A will ‘clear’ the Codec Ready bit in
the serial data input frame until two valid frames
are detected. During this detection period, the
CS4297A will ignore all register reads and writes
and will discontinue the transmission of PCM cap-
ture data. In addition, if the LOSM bit in the Misc.
Crystal Control Register (Index 60h) is ‘set’ (de-
fault), the CS4297A will mute all analog outputs. If
the LOSM bit is ‘clear’, the analog outputs will not
be muted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com