Electronic Components Datasheet Search
  English  ▼

X  

CS4297A Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS4297A
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297A Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS4297A Datasheet HTML 16Page - Cirrus Logic CS4297A Datasheet HTML 17Page - Cirrus Logic CS4297A Datasheet HTML 18Page - Cirrus Logic CS4297A Datasheet HTML 19Page - Cirrus Logic CS4297A Datasheet HTML 20Page - Cirrus Logic CS4297A Datasheet HTML 21Page - Cirrus Logic CS4297A Datasheet HTML 22Page - Cirrus Logic CS4297A Datasheet HTML 23Page - Cirrus Logic CS4297A Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
CS4297A
20
4.1
Reset Register (Index 00h)
SE[4:0]
Crystal 3D Stereo Enhancement. SE[4:0] = 00110, indicating this feature is present.
ID8
18-bit ADC Resolution. The ID8 bit is ‘set’, indicating this feature is present.
ID7
20-bit DAC resolution. The ID7 bit is ‘set’, indicating this feature is present.
ID4
Headphone Output (Alt Line Out). The ID4 bit is ‘set’, indicating this feature is present.
Default
1990h. The data in this register is read-only data.
Any write to this register causes a Register Reset to the default state of the audio (Index 00h - 38h) and vendor spe-
cific (Index 5Ah - 7Ah) registers. A read from this register returns configuration information about the CS4297A.
4.2
Master Volume Register (Index 02h)
Mute
Master Mute. Setting this bit mutes the LINE_OUT_L/R output signals.
ML[5:0]
Master Volume Left. These bits control the left master output volume. Each step corresponds
to 1.5 dB gain adjustment, with 00000 = 0 dB. The total range is 0 dB to -94.5 dB attenuation.
MR[5:0]
Master Volume Right. These bits control the right master output volume. Each step corresponds
to 1.5 dB gain adjustment, with 00000 = 0 dB. The total range is 0 dB to -94.5 dB attenuation.
Default
8000h. This value corresponds to 0 dB attenuation and Mute ‘set’.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
SE4
SE3
SE2
SE1
SE0
0
ID8
ID7
0
0
ID4
0000
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
0
ML5
ML4
ML3
ML2
ML1
ML0
0
0
MR5
MR4
MR3
MR2
MR1
MR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com