Electronic Components Datasheet Search
  English  ▼

X  

CS42L50 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS42L50
Description  Low Voltage, Stereo CODEC with headphone Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L50 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS42L50 Datasheet HTML 5Page - Cirrus Logic CS42L50 Datasheet HTML 6Page - Cirrus Logic CS42L50 Datasheet HTML 7Page - Cirrus Logic CS42L50 Datasheet HTML 8Page - Cirrus Logic CS42L50 Datasheet HTML 9Page - Cirrus Logic CS42L50 Datasheet HTML 10Page - Cirrus Logic CS42L50 Datasheet HTML 11Page - Cirrus Logic CS42L50 Datasheet HTML 12Page - Cirrus Logic CS42L50 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
CS42L50
DS544PP1
9
ANALOG OUTPUT CHARACTERISTICS (Continued)
Notes: 7. See Section 4.2.7 for details.
8. Filter response is not tested but is guaranteed by design.
9. Response is clock dependent and will scale with Fs. Note that the response plots (Figures 14 through 21)
have been normalized to Fs and can be de-normalized by multiplying the X-axis scale by Fs.
10. Referenced to a 1 kHz, full-scale sine wave.
11. For Single Speed Mode, the measurement bandwidth is 0.5465 Fs to 3 Fs.
For Double Speed Mode, the measurement bandwidth is 0.577 Fs to 1.4 Fs.
12. De-emphasis is not available in Double Speed Mode.
Parameters
Symbol
Min
Typ
Max
Units
Analog Output
Full Scale Line Output Voltage
(Note 7) VFS_LINE
TBD
G x VA
TBD
Vpp
Line Output Quiescent Voltage
VQ_LINE
-
0.5 x VA_LINE
-
VDC
Full Scale Headphone Output Voltage
VFS_HP
TBD
0.55 x VA
TBD
Vpp
Headphone Output Quiescent Voltage
VQ_HP
-
0.5 x VA_HP
-
VDC
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Drift
-
100
-
ppm/°C
Maximum Line Output AC-Current
VA=1.8 V
VA=3.0 V
ILINE
-
-
0.1
0.15
-
-
mA
mA
Maximum Headphone Output
VA=VA_HP=1.8 V
AC-Current
VA=VA_HP=3.0 V
IHP
-
-
31
52
-
-
mA
mA
Parameter
Single Speed Mode
Double Speed Mode
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Combined Digital and On-chip Analog Filter Response (Note 8)
Passband
(Note 9)
to -0.05 dB corner
to -0.1 dB corner
to -3 dB corner
0
-
0
-
-
-
.4535
-
.4998
-
0
0
-
-
-
-
.4426
.4984
Fs
Fs
Fs
Frequency Response 10 Hz to 20 kHz
(Note 10)
-.02
-
+.08
0
-
+0.11
dB
StopBand
.5465
-
-
.577
-
-
Fs
StopBand Attenuation
(Note 11)
50
-
-
55
-
-
dB
Group Delay
tgd
-
9/Fs
-
-
4/Fs
-
s
Passband Group Delay Deviation 0 - 40 kHz
0 - 20 kHz
-
-
-
±0.36/Fs
-
-
-
-
±1.39/Fs
±0.23/Fs
-
-
s
s
De-emphasis Error
Fs = 32 kHz
(Relative to 1 kHz)
Fs = 44.1 kHz
Fs = 48 kHz
-
-
-
-
-
-
+.2/-.1
+.05/-.14
+0/-.22
(Note 12)
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com