Electronic Components Datasheet Search
  English  ▼

X  

CS42L50 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS42L50
Description  Low Voltage, Stereo CODEC with headphone Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L50 Datasheet(HTML) 1 Page - Cirrus Logic

  CS42L50 Datasheet HTML 1Page - Cirrus Logic CS42L50 Datasheet HTML 2Page - Cirrus Logic CS42L50 Datasheet HTML 3Page - Cirrus Logic CS42L50 Datasheet HTML 4Page - Cirrus Logic CS42L50 Datasheet HTML 5Page - Cirrus Logic CS42L50 Datasheet HTML 6Page - Cirrus Logic CS42L50 Datasheet HTML 7Page - Cirrus Logic CS42L50 Datasheet HTML 8Page - Cirrus Logic CS42L50 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
ã Cirrus Logic, Inc. 2001
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
Features
l 28-Pin CASON package
l 1.8 to 3.3 Volt supply
l 24-Bit conversion / 96 kHz sample rate
l 96 dB ADC/DAC dynamic range at 3 V supply
l -88/-85 dB ADC/DAC THD+N
l 19 mW playback power consumption @ 1.8 V
l Microphone or Line input amplifier with up to
32dB of gain
l 2:1 stereo mux
l Digital volume control on inputs and outputs
– 96 dB attenuation, 1 dB step size
l Digital bass and treble boost on outputs
– Selectable corner frequencies
l Dynamic range compression and limiting
l De-emphasis for 32 kHz, 44.1 kHz, and 48 kHz
l Headphone amplifier
– 26 mW power output into 16 W load @ 3.0V
supply
– -80 dB THD+N
– 34 dB analog attenuation and mute
l ATAPI mixing functions
Description
The CS42L50 is a highly integrated, 24-bit, 96 kHz audio
codec.
This device is based on delta-sigma modulation allowing
infinite adjustment of the sample rate between 8 kHz and
100 kHz simply by changing the master clock frequency.
The CS42L50 contains a 2:1 stereo mux, progra
mmable
analog gain control, and digital attenuation on the analog
inputs. The output D/A converters include digital bass
and treble boost, dynamic range compression, limiting,
mixing, volume control and de-emphasis.
The CS42L50 operates from a +1.8 V to +3.3 V supply.
These features are ideal for portable MP3 and MD re-
corders, CD and DVD recorders, digital camcorders, and
other portable systems that require extremely low power
consumption in a minimal amount of space.
ORDERING INFORMATION
CS42L50-KN 28-pin CASON, -10 to 70 °C
CDB42L50
Evaluation Board
I I
SCL
SDA
Control Port
Digital
Volume
Control
Bass/Treble
Boost
Compression
Limiting
Analog
Filter
Analog
Filter
HP_A
HP_B
AOUT_A
AOUT_B
RST
LRCK
SCLK
SDIN
∆Σ
DAC
∆Σ
DAC
Analog
Volume
Control
MCLK
Analog
Volume
Control
VA
VL
MUTEC
AIN_L1
AIN_L2
AIN_R1
AIN_R2
SDOUT
MUX
MUX
ADC
ADC
Digital
Filters
Attenuator
0-96 dB
Attenuator
0-96 dB
12 dB
Gain
Gain
12 dB
CS42L50
Low Voltage, Stereo CODEC with Headphone Amp
AUG ‘01
DS544PP1


Similar Part No. - CS42L50

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
Low Power, Stereo CODEC with Headphone Amp
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 88P
Low Power, Stereo CODEC with Headphone Amp
CS42L51-CNZ CIRRUS-CS42L51-CNZ Datasheet
1Mb / 83P
Low Power, Stereo CODEC with Headphone Amp
CS42L51-CNZ CIRRUS-CS42L51-CNZ Datasheet
1Mb / 88P
Low Power, Stereo CODEC with Headphone Amp
CS42L51-CNZR CIRRUS-CS42L51-CNZR Datasheet
1Mb / 83P
Low Power, Stereo CODEC with Headphone Amp
More results

Similar Description - CS42L50

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS43L42 CIRRUS-CS43L42 Datasheet
1Mb / 40P
Low Voltage,Stereo DAC With Headphone Amp
CS43L43 CIRRUS-CS43L43 Datasheet
973Kb / 36P
Low Voltage,Stereo DAC With Headphone Amp
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
Low Power, Stereo CODEC with Headphone Amp
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
Low Power, Stereo CODEC with Headphone Amp
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Freescale Semiconductor...
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
Low Power Stereo Codec with Headphone Amp
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
Low Power Stereo Codec with Headphone Amp
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
Low Power Stereo Codec with Headphone Amp
logo
NXP Semiconductors
SGTL5000 NXP-SGTL5000 Datasheet
3Mb / 68P
Low Power Stereo Codec with Headphone Amp
Rev. 6.0, 11/2013
logo
Cirrus Logic
CS42L56 CIRRUS-CS42L56 Datasheet
3Mb / 92P
Ultralow Power, Stereo Codec with Class H Headphone Amp
Version 2.1, January 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com