Electronic Components Datasheet Search
  English  ▼

X  

CS42L50 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS42L50
Description  Low Voltage, Stereo CODEC with headphone Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L50 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS42L50 Datasheet HTML 6Page - Cirrus Logic CS42L50 Datasheet HTML 7Page - Cirrus Logic CS42L50 Datasheet HTML 8Page - Cirrus Logic CS42L50 Datasheet HTML 9Page - Cirrus Logic CS42L50 Datasheet HTML 10Page - Cirrus Logic CS42L50 Datasheet HTML 11Page - Cirrus Logic CS42L50 Datasheet HTML 12Page - Cirrus Logic CS42L50 Datasheet HTML 13Page - Cirrus Logic CS42L50 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
CS42L50
10
DS544PP1
POWER AND THERMAL CHARACTERISTICS (GND = 0 V; All voltages with respect to
ground. All measurements taken with all zeros input and open outputs, unless otherwise specified.)
Notes: 13. Power Down Mode is defined as RST = LO with all clocks and data lines held static.
14. Valid with the recommended capacitor values on FILT+_ADC, FILT+_DAC, VQ_DAC, and VQ_ADC as
shown in Figure 4. Increasing the capacitance will also increase the PSRR. Note that care should be
taken when selecting capacitor type, as any leakage current in excess of 1.0 µA will cause degradation
in analog performance. A small ceramic capacitor in parallel with a larger electrolytic is recommended.
Parameters
Symbol
Min
Typ
Max
Units
Power Supplies
Power Supply Current-
VA=1.8 V
Normal Operation
VA_HP=1.8 V
VL=1.8 V
IA
IA_HP
ID_L
-
-
-
13.3
1.5
154
-
-
-
mA
mA
µA
Power Supply Current-
VA=3.0 V
Normal Operation
VA_HP=3.0 V
VL=3.0 V
IA
IA_HP
ID_L
-
-
-
20
1.5
270
-
-
-
mA
mA
µA
Power Supply Current-
All Supplies=1.8 V
Power Down Mode (Note 13)
All Supplies =3.0V
-
-
150
350
-
-
µA
µA
Total Power Dissipation-
All Supplies=1.8 V
Normal Operation
All Supplies=3.0 V
-
-
27
65
TBD
TBD
mW
mW
Maximum Headphone Power Dissipation
(1 kHz full-scale sine wave
VA=1.8 V
into 16 ohm load)
VA=3.0 V
-
-
15
26
-
-
mW
mW
Package Thermal Resistance
θJA
-55
-
°C/Watt
Power Supply Rejection Ratio (Note 14)
(1 kHz)
(60 Hz)
PSRR
-
-
60
40
-
-
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com