Electronic Components Datasheet Search
  English  ▼

X  

CS42L50 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS42L50
Description  Low Voltage, Stereo CODEC with headphone Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L50 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS42L50 Datasheet HTML 25Page - Cirrus Logic CS42L50 Datasheet HTML 26Page - Cirrus Logic CS42L50 Datasheet HTML 27Page - Cirrus Logic CS42L50 Datasheet HTML 28Page - Cirrus Logic CS42L50 Datasheet HTML 29Page - Cirrus Logic CS42L50 Datasheet HTML 30Page - Cirrus Logic CS42L50 Datasheet HTML 31Page - Cirrus Logic CS42L50 Datasheet HTML 32Page - Cirrus Logic CS42L50 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
CS42L50
DS544PP1
29
4.2.24 ATAPI CHANNEL MIXING AND MUTING (ATAPI)
Default = 1001 - AOUTA/HP_A = L, AOUTB/HP_B = R (Stereo)
Function:
The CS42L50 implements the channel mixing functions of the ATAPI CD-ROM specification. Refer to
Table 5 and Figure 32 for additional information.
Note:
All mixing functions occur prior to the digital volume control.
4.2.25 Mode Control 2 (address 0Bh)
4.2.26 MASTER CLOCK DIVIDE ENABLE (MCLKDIV)
Default = 0
0 - Disabled
1 - Enabled
Function:
The MCLKDIV bit enables a circuit which divides the externally applied MCLK signal by 2 prior to all other
DAC circuitry.
4.2.27 LINE AMPLIFIER GAIN COMPENSATION (LINE)
Default = 00
00 - 0.785 x VA
01 - 0.943 x VA
10 - Reserved
ATAPI3
ATAPI2
ATAPI1
ATAPI0
AOUTA/HP_A
AOUTB/HP_B
0000
MUTE
MUTE
0001
MUTE
R
0010
MUTE
L
0011
MUTE
[(L+R)/2]
0100
R
MUTE
0101
R
R
0110
R
L
0111
R
[(L+R)/2]
1000
L
MUTE
1001
L
R
1010
L
L
1011
L
[(L+R)/2]
1100
[(L+R)/2]
MUTE
1101
[(L+R)/2]
R
1110
[(L+R)/2]
L
1111
[(L+R)/2]
[(L+R)/2]
Table 5. ATAPI Decode
765
4321
0
MCLKDIV
LINE1
LINE0
RESERVED
RESERVED
DIF2
DIF1
DIF0
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com