Electronic Components Datasheet Search
  English  ▼

X  

CS42L50 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS42L50
Description  Low Voltage, Stereo CODEC with headphone Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L50 Datasheet(HTML) 3 Page - Cirrus Logic

  CS42L50 Datasheet HTML 1Page - Cirrus Logic CS42L50 Datasheet HTML 2Page - Cirrus Logic CS42L50 Datasheet HTML 3Page - Cirrus Logic CS42L50 Datasheet HTML 4Page - Cirrus Logic CS42L50 Datasheet HTML 5Page - Cirrus Logic CS42L50 Datasheet HTML 6Page - Cirrus Logic CS42L50 Datasheet HTML 7Page - Cirrus Logic CS42L50 Datasheet HTML 8Page - Cirrus Logic CS42L50 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
CS42L50
DS544PP1
3
4.2.5 Power Down Line Amplifier (PDNLN)............................................................................ 24
4.2.6 Power Down (PDN) ....................................................................................................... 24
4.2.7 Control Port Enable (CP_EN)........................................................................................ 24
4.2.8 Channel A Analog Headphone Attenuation Control (address 02h) (HVOLA) .............. 25
4.2.9 Channel B Analog Headphone Attenuation Control (address 03h) (HVOLB) .............. 25
4.2.10 Channel A Digital Volume Control (address 04h) (DVOLA) ....................................... 25
4.2.11 Channel B Digital Volume Control (address 05h) (DVOLB) ....................................... 25
4.2.12 Tone Control (address 06h)........................................................................................ 26
4.2.13 Bass Boost Level (BB)................................................................................................. 26
4.2.14 Treble Boost Level (TB)............................................................................................... 26
4.2.15 Mode Control (address 07h)....................................................................................... 27
4.2.16 Bass Boost Corner Frequency (BBCF) ....................................................................... 27
4.2.17 Treble Boost Corner Frequency (TBCF) ..................................................................... 27
4.2.18 Channel A Volume = Channel B Volume (A=B) .......................................................... 27
4.2.19 De-Emphasis Control (DEM) ....................................................................................... 28
4.2.20 Digital Volume Control Bypass (VCBYP) .................................................................... 28
4.2.21 Volume and Mixing Control (address 0Ah)................................................................. 28
4.2.22 Tone Control Mode (TC).............................................................................................. 28
4.2.23 Tone Control Enable (TC_EN) .................................................................................... 28
4.2.24 ATAPI Channel Mixing and Muting (ATAPI)................................................................ 29
4.2.25 Mode Control 2 (address 0Bh) ................................................................................... 29
4.2.26 Master Clock Divide Enable (MCLKDIV) ..................................................................... 29
4.2.27 Line Amplifier Gain Compensation (LINE)................................................................... 29
4.2.28 Digital Interface Format (DIF) ...................................................................................... 30
5. PIN DESCRIPTIONS ............................................................................................................... 31
6. APPLICATIONS ...................................................................................................................... 33
6.1 Grounding and Power Supply Decoupling ....................................................................... 33
6.2 Clock Modes .................................................................................................................... 33
6.3 EP73xx Serial Port Interface ........................................................................................... 33
6.4 De-Emphasis ................................................................................................................... 33
6.5 Recommended Power-up Sequence ............................................................................... 33
6.6 Optional External Headphone Mute ................................................................................ 33
7. CONTROL PORT INTERFACE ............................................................................................... 33
7.1 Memory Address Pointer (MAP) ...................................................................................... 35
7.2 INCR (Auto Map Increment Enable)................................................................................. 35
7.3 MAP0-3 (Memory Address Pointer).................................................................................. 35
8. PARAMETER DEFINITIONS ................................................................................................... 44
9. REFERENCES ......................................................................................................................... 44
10. PACKAGE DIMENSIONS ..................................................................................................... 45
LIST OF FIGURES
Figure 1. SCLK to LRCK and SDIN, Slave Mode .................................................... 13
Figure 2. SCLK to LRCK and SDIN, Master Mode .................................................. 13
Figure 3. Control Port Timing - I2C‚ ......................................................................... 14
Figure 4. CS42L50 Typical Connection Diagram .................................................... 15
Figure 5. Control Port Timing .................................................................................. 35
Figure 6. Decimation Filter Single Speed Stopband Rejection ............................... 36
Figure 7. Decimation Filter Single Speed Transition Band ...................................... 36
Figure 8. Decimation Filter Single Speed Transition Band (Detail) ......................... 36
Figure 9. Decimation Filter Single Speed Passband Ripple ................................... 36
Figure 10.Decimation Filter Double Speed Stopband Rejection .............................. 36
Figure 11.Decimation Filter Double Speed Transition Band .................................... 36
Figure 12.Decimation Filter Double Speed Transition Band (Detail) ........................ 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com