Electronic Components Datasheet Search
  English  ▼

X  

CS4396 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS4396
Description  24-Bit, 192 kHz D/A Converter for Digital Audio?
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4396 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS4396 Datasheet HTML 2Page - Cirrus Logic CS4396 Datasheet HTML 3Page - Cirrus Logic CS4396 Datasheet HTML 4Page - Cirrus Logic CS4396 Datasheet HTML 5Page - Cirrus Logic CS4396 Datasheet HTML 6Page - Cirrus Logic CS4396 Datasheet HTML 7Page - Cirrus Logic CS4396 Datasheet HTML 8Page - Cirrus Logic CS4396 Datasheet HTML 9Page - Cirrus Logic CS4396 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
CS4396
6
DS288PP1
ANALOG CHARACTERISTICS (Continued)
Notes: 4. Response is clock dependent and will scale with Fs. Note that the response plots (Figures 7-18) have
been normalized to Fs and can be de-normalized by multiplying the X-axis scale by Fs.
5. For Single-Speed Mode, the Measurement Bandwidth is 0.5465 Fs to 1.4 Fs.
For Double-Speed Mode, the Measurement Bandwidth is 0.570 Fs to 1.4 Fs.
For Quad-Speed Mode, the Measurement Bandwidth is 0.635 Fs to 1.3 Fs.
6. Group Delay for Fs=48 kHz 37/48 kHz=770
µs
7. De-emphasis is available only in Single Speed Mode.
Parameter
Symbol
Min
Typ
Max
Unit
Combined Digital and On-chip Analog Filter Response - Single Speed Mode
Passband
(Note 4)
to -0.1 dB corner
to -3 dB corner
-
-
-
-
0.470
0.492
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-.020
-
+0.015
dB
Passband Ripple
-
-
±0.0001
dB
StopBand
.5465
-
-
Fs
StopBand Attenuation
(Note 5)
102
-
-
dB
Group Delay
(Note 6)
tgd
-
37/Fs
-
s
De-emphasis Error
(Note 7)
Fs = 32 kHz
(Relative to 1 kHz)
Fs = 44.1 kHz
Fs = 48 kHz
-
-
-
-
-
-
±0.10
±0.10
±0.13
dB
dB
dB
Combined Digital and On-chip Analog Filter Response - Double Speed Mode
Passband
(Note 4)
to -0.1 dB corner
to -3 dB corner
0
0
-
-
0.448
0.486
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.017
-
0.035
dB
Passband Ripple
-
-
±0.0008
dB
StopBand
.570
-
-
Fs
StopBand Attenuation
(Note 5)
82
-
-
dB
Group Delay
tgd
-
20/Fs
-
s
Combined Digital and On-chip Analog Filter Response - Quad-Speed Mode
Passband
(Note 4)
to -0.1 dB corner
to -3 dB corner
-
-
-
-
0.385
0.472
Fs
Fs
Frequency Response 10 Hz to 20 kHz
0
-
+0.015
dB
Passband Ripple
-
-
±0.00065
dB
StopBand
0.635
-
-
Fs
StopBand Attenuation
(Note 5)
83
-
-
dB
Group Delay
tgd
-
11/Fs
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com