Electronic Components Datasheet Search
  English  ▼

X  

CS4396 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4396
Description  24-Bit, 192 kHz D/A Converter for Digital Audio?
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4396 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4396 Datasheet HTML 7Page - Cirrus Logic CS4396 Datasheet HTML 8Page - Cirrus Logic CS4396 Datasheet HTML 9Page - Cirrus Logic CS4396 Datasheet HTML 10Page - Cirrus Logic CS4396 Datasheet HTML 11Page - Cirrus Logic CS4396 Datasheet HTML 12Page - Cirrus Logic CS4396 Datasheet HTML 13Page - Cirrus Logic CS4396 Datasheet HTML 14Page - Cirrus Logic CS4396 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
CS4396
DS288PP1
11
2.0 TYPICAL CONNECTION DIAGRAM
SCLK
Audio
Data
Processor
External Clock
MCLK
AGND
AOUTR+
CS4396
SDATA
VA
AOUTR-
+5V
Analog
0.1
µF
+ 1
µF
Mode
Select
M1
M0
AOUTL-
AOUTL+
DGND
VD
MUTE
Analog
Conditioning
Analog
Conditioning
7
22
24
23
19
20
18
9
1
15
13
11
12
4
14
5
M2
LRCK
1.0
µF
+
RST
10
M3
M4
2
3
16
25
0.1 µf
10 µf
0.1 µf
10 µf
26
27
VREF
FILT+
FILT-
+5V
Analog
28
6
21
MUTEC
0.1 µf
8
17
+
+
CMOUT
C/H
Figure 4. Typical Connection Diagram - Hardware Mode (Control Port Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com